Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5030 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A5030
Description  4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5030 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A5030 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5030 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5030 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5030 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5030 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5030 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A5030 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
6 in [152.4 mm]
Width
3 in [76.2 mm]
Height
1.1 in [27.94 mm]
.
Weight
1 lbs [453.59 g]
Input Connector
SMA Female
Output Connector
SMA Female
Cooling
ADEQUATE HEATSINK REQUIRED
Environmental Specifications
Temperature
Operating Range
0 to +50 deg C
..
Humidity
95% Non-Condensing
Shock
Normal Truck Transport
Vibration
Normal Truck Transport
Altitude
10000 feet Above Sea Level
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A5030
PE15A5030 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5030
4 Watt Psat, 1 MHz to 1,000 MHz, High Power
Amplifier, 36 dB Gain, 39 dBm IP3, SMA


Similar Part No. - PE15A5030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
   4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
More results

Similar Description - PE15A5030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
   4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
   44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
   44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
   8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
   8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
   42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
   2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
   7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com