Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3030TB-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # REF3030TB-GT3
Description  High Precision Low Drift CMOS Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

REF3030TB-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  REF3030TB-GT3 Datasheet HTML 1Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 2Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 3Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 4Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 5Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 6Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 7Page - ON Semiconductor REF3030TB-GT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Unit 3
Figure 2. Output Voltage vs. Temperature
Figure 3. Output Voltage vs. Supply Voltage
(No Load)
TEMPERATURE (°C)
85
60
35
10
−15
−40
1.2492
1.2494
1.2496
1.2498
1.2502
1.2504
1.2506
1.2508
Figure 4. Line Regulation over Temperature
Figure 5. Load Regulation over Temperature
Unit 1
Unit 2
1.2500
INPUT VOLTAGE (V)
5.5
4.5
4.0
3.5
3.0
2.5
1.2498
1.2499
1.2500
1.2501
1.2502
Unit 3
Unit 1
Unit 2
5.0
INPUT VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
−25
0
25
50
+85°C
+25°C
−40°C
OUTPUT CURRENT (mA)
10
5
0
−5
−10
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
−40°C
SINKING
SOURCING
Figure 6. Power−Supply Rejection Ratio vs.
Frequency
FREQUENCY (Hz)
100 k
10 k
1 k
100
10
1
−90
−80
−70
−50
−40
−30
−10
0
−60
−20
No Load
1 nF Load
10 nF Load
100 nF Load
1 M
Figure 7. Output Impedance vs. Frequency
FREQUENCY (Hz)
100 k
10 k
1 k
100
10
1
0
20
40
60
80
100
120
160
140
No Load
1 nF Load
10 nF Load
100 nF Load


Similar Part No. - REF3030TB-GT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3030 TI-REF3030 Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3030 BURR-BROWN-REF3030 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3030AIDBZR TI-REF3030AIDBZR Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3030AIDBZR BURR-BROWN-REF3030AIDBZR Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3030AIDBZR TI1-REF3030AIDBZR Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Voltage Reference
More results

Similar Description - REF3030TB-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
REF3025TB-GT3 ONSEMI-REF3025TB-GT3 Datasheet
260Kb / 8P
   High Precision, Low Drift, CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010 Datasheet
614Kb / 20P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com