Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1406 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SCH1406
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCH1406 Datasheet(HTML) 3 Page - ON Semiconductor

  SCH1406 Datasheet HTML 1Page - ON Semiconductor SCH1406 Datasheet HTML 2Page - ON Semiconductor SCH1406 Datasheet HTML 3Page - ON Semiconductor SCH1406 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCH1406
Rev.0 I Page 3 of 4 I www.onsemi.com
IT07148
012345
0
1
2
3
4
5
6
7
8
9
10
VGS -- Qg
VDS=10V
ID=1.2A
IT07147
2
7
5
3
10
7
5
3
2
100
SW Time -- ID
VDD=10V
VGS=4V
td(on)
td(off)
tf
IT02989
IT02987
0.01
0.1
23
5 7
0.001
23
5 7
1.0
23
5 7
3
2
0.1
1.0
23
5
7
23
5
0.01
0.1
1.0
7
5
3
2
7
5
3
2
7
5
3
2
yfs -- ID
VDS=10V
75
°C
Ta=
--25
°C
02468
10
12
14161820
10
100
3
2
7
5
3
2
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT02990
IT02988
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.01
0.1
5
1.0
7
5
3
2
7
5
3
2
3
2
IS -- VSD
VGS=0V
A S O
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.1
0.01
0.1
1.0
0.01
23
5 7
23
5 7
23
5 7
10
23
IDP=4.8A
ID=1.7A
Operation in this
area is limited by RDS(on).
100
µs
100ms
DC
operation
(T
a=25
°C)
1ms
10ms
PW
≤10µs
25
°C
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2
✕0.8mm)
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
--60
--40
--20
0
20
40
60
80
100
120
140
160
RDS(on) -- Ta
IT02986
100
150
200
250
300
350
50
I D
=1.0A,
V GS
=4.0V
I D=0.5A,
V GS
=2.5V
02468
10
RDS(on) -- VGS
IT02985
100
150
200
250
300
350
400
50
Ta=25
°C
ID=0.5A
1.0A
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C


Similar Part No. - SCH1406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1402 SANYO-SCH1402 Datasheet
52Kb / 4P
   SCH1402
SCH1404 SANYO-SCH1404 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - SCH1406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com