Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3N551DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # SB3N551DG
Description  Ultra-Low Skew 1:4 Clock Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3N551DG Datasheet(HTML) 2 Page - ON Semiconductor

  SB3N551DG Datasheet HTML 1Page - ON Semiconductor SB3N551DG Datasheet HTML 2Page - ON Semiconductor SB3N551DG Datasheet HTML 3Page - ON Semiconductor SB3N551DG Datasheet HTML 4Page - ON Semiconductor SB3N551DG Datasheet HTML 5Page - ON Semiconductor SB3N551DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SB3N551
http://onsemi.com
2
Table 1. OE, OUTPUT ENABLE FUNCTION
OE
Function
0
Disable
1
Enable
Table 2. PIN DESCRIPTION
Pin #
Name
Type
Description
1
ICLK
(LV)CMOS/(LV)TTL Input
Clock Input. Internal pull-up resistor.
2
Q1
(LV)CMOS/(LV)TTL Output
Clock Output 1
3
Q2
(LV)CMOS/(LV)TTL Output
Clock Output 2
4
Q3
(LV)CMOS/(LV)TTL Output
Clock Output 3
5
Q4
(LV)CMOS/(LV)TTL Output
Clock Output 4
6
GND
Power
Negative supply voltage; Connect to ground, 0 V
7
VDD
Power
Positive supply voltage (3.0 V to 5.5 V)
8
OE
(LV)CMOS/(LV)TTL Input
Output Enable for the clock outputs. Outputs are enabled when HIGH or when left
open; OE pin has internal pull−up resistor. Three−states outputs when LOW.
EP
Thermal Exposed Pad
(DFN8 only) Thermal exposed pad must be connected to a sufficient thermal
conduit. Electrically connect to the most negative supply (GND) or leave uncon-
nected, floating open.


Similar Part No. - SB3N551DG

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB3 GREATECS-SB3 Datasheet
273Kb / 2P
   8.8 mm Horizontal Slide Switches
logo
Cooper Bussmann, Inc.
SB3-D COOPER-SB3-D Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SB3-DMS COOPER-SB3-DMS Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Sanyo Semicon Device
SB30-03F SANYO-SB30-03F Datasheet
78Kb / 3P
   30V, 3A Rectifier
SB30-03P SANYO-SB30-03P Datasheet
67Kb / 2P
   30V, 3A Rectifier
More results

Similar Description - SB3N551DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N551 ONSEMI-NB3N551_12 Datasheet
134Kb / 7P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
July, 2012 ??Rev. 4
NB3N551 ONSEMI-NB3N551 Datasheet
116Kb / 5P
   3.3 V / 5.0 V Ultra-Low Skew 1:4 Clock Fanout Buffer
October, 2006 ??Rev. 2
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Integrated Circuit Syst...
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
   LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com