Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1312CUTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NOA1312CUTAG
Description  High-Precision Ambient Light Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1312CUTAG Datasheet(HTML) 3 Page - ON Semiconductor

  NOA1312CUTAG Datasheet HTML 1Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 2Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 3Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 4Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 5Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 6Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 7Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 8Page - ON Semiconductor NOA1312CUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NOA1312
http://onsemi.com
3
Table 3. OPERATING RANGES
Rating
Symbol
Min
Typ
Max
Unit
Power supply voltage
VDD
2.4
3.0
3.6
V
Power supply current
IDD
140
240
mA
Quiescent supply current (Note 3)
IDDqs
12
800
nA
Low level input voltage
VIL
−0.2
0.3 VDD
V
High level input voltage (Note 4)
VIH
0.7 VDD
VDD + 0.2
V
Hysteresis of SCL & SDA Schmitt trigger inputs (VDD > 2 V)
Vhys
0.05 VDD
V
Low level output voltage (open drain) at 3 mA sink current (SDA, INT)
VOL
0
0.4
V
Output low current (SDA, INT)
IOL
3
mA
Output fall time from VIHmin to VILmax with a bus capacitance, Cb from
10 pF to 250 pF (Note 4)
tof
250
ns
Input current of IO pin with an input voltage between 0.1 VDD and 0.9 VDD
II
−10
10
mA
Capacitance for IO pin (Note 4)
Cb
10
pF
Operating free−air temperature range
TA
−40
85
°C
3. Current dissipation when in Power Down mode. 800 nA power down current at 85°C (see Figure 14).
4. Cb = capacitance of one bus line, maximum value including all parasitic capacitances should be less than 250 pF.
Table 4. ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over 2.4 V < VDD < 3.6 V, −40°C < TA < 85°C, 10 pF < Cb < 100 pF) (Note 5)
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
10
100
100
400
kHz
Hold time after repeated start condition.
After this period, the first clock pulse is generated.
tHD;STA
4.0
0.6
mS
Low period of SCL clock
tLOW
4.7
1.3
mS
High period of SCL clock
tHIGH
4.0
0.6
mS
Set−up time for repeated START condition
tSUSTA
4.7
0.6
mS
SDA Data hold time
tHDDAT
0
3.45
0
0.9
mS
SDA Data set−up time
tSUDAT
250
100
nS
Rise time of both SDA and SCL (input signals) (Note 6)
tr
5
1000
20 + 0.1Cb
300
nS
Fall time of both SDA and SCL (input signals) (Note 6)
tf
5
300
20 + 0.1Cb
300
nS
Set−up time for STOP condition
tSUSTO
4.0
0.6
mS
Bus free time between STOP and START condition
tBUF
4.7
1.3
mS
Capacitive load for each bus line
Cb
250
250
pF
Noise margin at the low level for each connected
device (including hysteresis)
VnL
0.1 VDD
0.1 VDD
V
Noise margin at the high level for each connected
device (including hysteresis)
VnH
0.2 VDD
0.2 VDD
V
Parameter
Symbol
Typ
Typ
Unit
Internal Oscillator Frequency
fosc
1
1
MHz
5. Refer to Figure 3 for more information on AC characteristics
6. The rise time and fall time are measured with a pull−up resistor Rp = 1 kW and Cb of 250 pF (including all parasitic capacitances). The maximum
tf for the SDA and SCL bus lines (300 ns) is longer than the specified maximum tof for the output stages (250 ns). This allows series protection
resistors (Rs) to be connected between the SDA/SCL pads and the SDA/SCL bus lines without exceeding the maximum specified tf.


Similar Part No. - NOA1312CUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1302DCRG ONSEMI-NOA1302DCRG Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1305CUTAG ONSEMI-NOA1305CUTAG Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
More results

Similar Description - NOA1312CUTAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
[Old version datasheet]   OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V02 Datasheet
2Mb / 54P
[Old version datasheet]   OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
REVISED DECEMBER 2022
OPT4001 TI-OPT4001_V01 Datasheet
1Mb / 42P
[Old version datasheet]   OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
logo
OSRAM GmbH
SFH-2270R OSRAM-SFH-2270R Datasheet
392Kb / 12P
   High Precision Ambient Light Photodiode
SFH2270R OSRAM-SFH2270R Datasheet
392Kb / 12P
   High Precision Ambient Light Photodiode
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com