Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL3HS2222MUTBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL3HS2222MUTBG
Description  High-Speed USB 2.0 DPDT Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL3HS2222MUTBG Datasheet(HTML) 3 Page - ON Semiconductor

  NL3HS2222MUTBG Datasheet HTML 1Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 2Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 3Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 4Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 5Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 6Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 7Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 8Page - ON Semiconductor NL3HS2222MUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NL3HS2222
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT, OUTPUT ENABLE VOLTAGE (Typical: T = 25
°C)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
VIH
S, OE
Control Input, Output
Enable HIGH Voltage
(See Figure 11)
2.7
3.3
4.2
1.25
1.3
1.4
V
VIL
S, OE
Control Input, Output
Enable LOW Voltage
(See Figure 11)
2.7
3.3
4.2
0.35
0.4
0.5
V
IIN
S, OE
Current Input, Output
Enable Leakage Current
0
≤ VIS ≤ VCC
1.65 − 4.5
±1.0
mA
SUPPLY CURRENT AND LEAKAGE (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
ICC
VCC
Quiescent Supply Current
0
≤ VIS ≤ VCC; ID = 0 A
0
≤ VIS ≤ VCC − 0.5 V
1.65 − 3.6
3.6 − 4.5
1.0
1.0
mA
IOZ
OFF State Leakage
0
≤ VIS ≤ VCC
1.65 − 4.5
±0.1
±1.0
mA
IOFF
D+, D−
Power OFF Leakage
Current
0
≤ VIS ≤ VCC
0
±1.0
mA
LIMITED VIS SWING ON RESISTANCE (Typical: T = 25°C)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
On−Resistance (Note 1)
ION = 8 mA
VIS = 0 V to 0.4 V
2.7
3.3
4.2
6.0
5.5
5.0
8.6
7.6
7.0
W
RFLAT
On−Resistance Flatness
(Notes 1 and 2)
ION = 8 mA
VIS = 0 V to 0.4 V
2.7
3.3
4.2
0.55
0.30
0.20
W
DRON
On−Resistance Matching
(Notes 1 and 3)
ION = 8 mA
VIS = 0 V to 0.4 V
2.7
3.3
4.2
0.60
0.60
0.60
W
1. Guaranteed by design.
2. Flatness is defined as the difference between the maximum and minimum value of On−Resistance as measured over the specified analog
signal ranges.
3.
DRON = RON(max) − RON(min) between HSD1+ and HSD1or HSD2+ and HSD2.
FULL VIS SWING ON RESISTANCE (Typical: T = 25°C)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
On−Resistance
ION = 8 mA
VIS = 0 V to VCC
2.7
3.3
4.2
10
8.0
7.0
13.5
9.75
8.50
W
RFLAT
On−Resistance Flatness
(Notes 4 and 5)
ION = 8 mA
VIS = 0 V to VCC
2.7
3.3
4.2
4.5
3.0
2.5
W
DRON
On−Resistance
(Note 4 and 6)
ION = 8 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.60
0.60
0.60
W
4. Guaranteed by design.
5. Flatness is defined as the difference between the maximum and minimum value of On−Resistance as measured over the specified analog
signal ranges.
6.
DRON = RON(max) − RON(min) between HSD1+ and HSD1or HSD2+ and HSD2.


Similar Part No. - NL3HS2222MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3HS2222MUTBG ONSEMI-NL3HS2222MUTBG Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
More results

Similar Description - NL3HS2222MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223_18 Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
NLAS7222B ONSEMI-NLAS7222B_11 Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NLAS7242 ONSEMI-NLAS7242 Datasheet
672Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2009 ??Rev. 4
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
   High-Speed USB 2.0(480 Mbps) DPDT Switches
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com