Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTG25N120FL2WG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGTG25N120FL2WG
Description  IGBT - Field Stop II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG25N120FL2WG Datasheet(HTML) 5 Page - ON Semiconductor

  NGTG25N120FL2WG Datasheet HTML 1Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 2Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 3Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 4Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 5Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 6Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 7Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 8Page - ON Semiconductor NGTG25N120FL2WG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NGTG25N120FL2WG
http://onsemi.com
5
TYPICAL CHARACTERISTICS
td(off)
Figure 12. Switching Loss vs. Rg
Rg, GATE RESISTOR (
W)
45
35
25
15
5
VCE = 600 V
VGE = 15 V
TJ = 150°C
IC = 25 A
55
65
75
85
Figure 13. Switching Time vs. Rg
Rg, GATE RESISTOR (
W)
45
35
25
15
5
1000
55
65
75
85
Figure 14. Switching Loss vs. VCE
VCE, COLLECTOR−EMITTER VOLTAGE (V)
550
500
450
400
350
800
600
VGE = 15 V
TJ = 150°C
IC = 25 A
Rg = 10
W
Figure 15. Switching Time vs. VCE
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
Figure 16. Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
100
10
1
0.1
1
10
100
1000
50
ms
100
ms
1 ms
dc operation
Single Nonrepetitive
Pulse TC = 25°C
Curves must be derated
linearly with increase
in temperature
Figure 17. Reverse Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1
10
100
1000
VGE = 15 V, TC = 125°C
1000
100
10
1
tf
td(off)
VCE = 600 V
VGE = 15 V
TJ = 150°C
IC = 25 A
10
VGE = 15 V
TJ = 150°C
IC = 25 A
Rg = 10
W
10
6
5
4
3
2
1
0
2
1
0
550
500
450
400
350
800
600
10k
10k
650
700
750
4
3
650
700
750
100
td(on)
tr
tf
td(on)
tr
100
EON
EOFF
EON
EOFF


Similar Part No. - NGTG25N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG25N120FBT4G ONSEMI-NGTG25N120FBT4G Datasheet
289Kb / 10P
   Reading ON Semiconductor IGBT Datasheets
January, 2012 ??Rev. 0
NGTG25N120FDT4G ONSEMI-NGTG25N120FDT4G Datasheet
289Kb / 10P
   Reading ON Semiconductor IGBT Datasheets
January, 2012 ??Rev. 0
NGTG25N120FET4G ONSEMI-NGTG25N120FET4G Datasheet
289Kb / 10P
   Reading ON Semiconductor IGBT Datasheets
January, 2012 ??Rev. 0
NGTG25N120FFT4G ONSEMI-NGTG25N120FFT4G Datasheet
289Kb / 10P
   Reading ON Semiconductor IGBT Datasheets
January, 2012 ??Rev. 0
NGTG25N120FST4G ONSEMI-NGTG25N120FST4G Datasheet
289Kb / 10P
   Reading ON Semiconductor IGBT Datasheets
January, 2012 ??Rev. 0
More results

Similar Description - NGTG25N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com