Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB15N120FL2WG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGTB15N120FL2WG
Description  IGBT - Field Stop II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB15N120FL2WG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NGTB15N120FL2WG Datasheet HTML 2Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 3Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 4Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 5Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 6Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 7Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 8Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 9Page - ON Semiconductor NGTB15N120FL2WG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NGTB15N120FL2WG
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 19. IGBT Die Self−heating Square−wave Duty Cycle Transient Thermal Response
ON−PULSE WIDTH (s)
1
0.1
0.01
0.0001
1
0.00001
50% Duty Cycle
20%
10%
5%
2%
Single Pulse
RqJC = 0.51
Junction
C1
C2
R1
R2
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Case
Cn
Rn
0.1
0.01
0.001
0.0001
0.001
Ri (°C/W)
Ci (J/°C)
0.091186
0.003468
0.000001
0.066118
0.083897
0.201027
0.072182
0.015124
0.037692
0.049745
0.438100
Figure 20. Diode Die Self−heating Square−wave Duty Cycle Transient Thermal Response
ON−PULSE WIDTH (s)
50% Duty Cycle
20%
10%
5%
2%
Single Pulse
1
RqJC = 0.81
Junction
Case
C1
C2
R1
R2
Rn
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Cn
1
0.1
0.01
0.0001
0.000001
0.00001
0.001
Ri (°C/W)
Ci (J/°C)
0.000058
0.017316
0.1
0.01
0.022798
0.025844
0.064579
0.117833
0.076569
0.059662
0.154481
0.230902
0.042811
0.000439
0.001224
0.001548
0.002684
0.013060
0.053003
0.064733
0.136953
2.335824


Similar Part No. - NGTB15N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB15N120FLWG ONSEMI-NGTB15N120FLWG Datasheet
186Kb / 10P
   IGBT
September, 2012 ??Rev. 0
More results

Similar Description - NGTB15N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com