Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNS020 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNS020
Description  high precision resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNS020 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNS020 Datasheet HTML 1Page - Vishay Siliconix CNS020 Datasheet HTML 2Page - Vishay Siliconix CNS020 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CNS 020
www.vishay.com
Vishay Sfernice
Revision: 26-Aug-13
1
Document Number: 60051
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Precision (0.01 %/10 ppm/°C)
Through Hole Thin Film Conformal Coating Sil Resistor
SCHEMATIC
FEATURES
• Tight TCR to 5 ppm/°C (in 0 °C; + 70 °C)
• Incorporates high stability thin film element
(0.1 % at + 70 °C at Pn during 1000 h)
• Through hole (Sil)
• 100
 to 10 M
• Tight tolerance down to 0.01 %
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
Note
(1) 15 ppm/°C for R
 1.5M
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE RANGE
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (1)
± ppm/°C
CNS 020
100 to 10M
0.5
300
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
5, 10
CLIMATIC SPECIFICATIONS
Operating temperature
range
- 55 °C; + 155 °C
MECHANICAL SPECIFICATIONS
Resistive material
Nichrome
Substrate material
Alumina
Terminals
Tin/silver on Cu alloy
Protection
Conformal epoxy coating
DIMENSIONS AND IMPRINTING CNS 020
In clear: model, Vishay logo and manufacturing code. On back: ohmic value (in
), tolerance (in %)
DIMENSION
INCHES
MILLIMETERS
A
0.330
8.38 max.
B
0.261
6.62 max.
C
0.020
0.51
D
0.200
5.08
E
0.125
3.17 min.
F
0.100
2.54 max.
G
0.010
0.25
G
F
A
D
C
E
B


Similar Part No. - CNS020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
More results

Similar Description - CNS020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Token Electronics Indus...
RJ1622RA5C1P TOKEN-RJ1622RA5C1P Datasheet
354Kb / 3P
   RJ High Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com