Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD9L3.3CT5G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LESD9L3.3CT5G
Description  ESD Protection Diodes with Ultra?묹ow Capacitance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESD9L3.3CT5G Datasheet(HTML) 2 Page - Leshan Radio Company

  LESD9L3.3CT5G Datasheet HTML 1Page - Leshan Radio Company LESD9L3.3CT5G Datasheet HTML 2Page - Leshan Radio Company LESD9L3.3CT5G Datasheet HTML 3Page - Leshan Radio Company LESD9L3.3CT5G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
LESD9L3.3CT5G
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.0 V Max. @ IF = 10 mA for all types)
Device
Device
Marking
VRWM
(V)
IR (mA)
@ VRWM
VBR (V) @ IT
(Note 2)
IT
C (pF)
VC (V)
@ IPP = 1 A
(Note 3)
VC
Max
Max
Min
mA
Typ
Max
Max
Per IEC61000−4−2
(Note 4)
LESD9L3.3CT5G
S
3.3
1.0
4.8
1.0
0.5
0.9
10
Figures 1 and 2
See Below
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
3. Surge current waveform per Figure 5.
4. For test procedure see Figures 3 and 4 and Application Note AND8307/D.
Rev.O 2/4
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV Contact per IEC61000−4−2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV Contact per IEC61000−4−2


Similar Part No. - LESD9L3.3CT5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD9L3.3T5G LRC-LESD9L3.3T5G Datasheet
489Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
More results

Similar Description - LESD9L3.3CT5G

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SESD5L5.0T1 WILLAS-SESD5L5.0T1 Datasheet
363Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3T1G LRC-LESD5L3.3T1G Datasheet
560Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L5.0T1G LRC-LESD5L5.0T1G Datasheet
334Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3T5G LRC-LESD9L3.3T5G Datasheet
489Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
First Silicon Co., Ltd
FTV05LUSOT883 FS-FTV05LUSOT883 Datasheet
461Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
FTV10BLUL2 FS-FTV10BLUL2 Datasheet
503Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3CT1G LRC-LESD5L3.3CT1G Datasheet
283Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Socay Electornics Co., ...
ESD11D05VLH-C SOCAY-ESD11D05VLH-C Datasheet
578Kb / 3P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
WILLAS ELECTRONIC CORP
SESD9L5.0T5 WILLAS-SESD9L5.0T5 Datasheet
280Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Socay Electornics Co., ...
ESD11D12VLV-C SOCAY-ESD11D12VLV-C Datasheet
566Kb / 3P
   ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com