Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GU04DFT2 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L74VHC1GU04DFT2
Description  advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GU04DFT2 Datasheet(HTML) 1 Page - Leshan Radio Company

  L74VHC1GU04DFT2 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
V6d
L74VHC1GU04
V6d
1
3
2
4
5
SOT–23/TSOP–5/SC–59
DT SUFFIX
The L74VHC1GU04 is an advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
This device consists of a single unbuffered inverter. In combination with others, or in the L74VHCU04 Hex Unbuffered Inverter,
these devices are well suited for use as oscillators, pulse shapers, and in many other applications requiring a high–input impedance
amplifier. For digital applications, the L74VHC1G04 or the L74VHC04 are recommended.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The L74VHC1GU04 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This
allows the L74VHC1GU04 to be used to interface 5 V circuits to 3 V circuits.
• High Speed: t PD = 2.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 105; Equivalent Gates = 26
SC–70/SC–88A/SOT–353
DF SUFFIX
1
3
2
4
5
MARKING DIAGRAMS
Pin 1
d = Date Code
Pin 1
d = Date Code
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
PIN ASSIGNMENT
1NC
2
IN A
3
GND
4
OUT Y
5V CC
FUNCTION TABLE
Inputs
Output
AY
LH
HL
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 5 of this data sheet.
Unbuffered Inverter
1/6


Similar Part No. - L74VHC1GU04DFT2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
   2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
   Inverter
More results

Similar Description - L74VHC1GU04DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com