Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GU04DFT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L74VHC1GU04DFT1
Description  advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GU04DFT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  L74VHC1GU04DFT1 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GU04DFT1 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GU04DFT1 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GU04DFT1 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GU04DFT1 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GU04DFT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
DC ELECTRICAL CHARACTERISTICS
V CC
T A = 25°C
T A < 85°C –55°C<TA<125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
V IH
Minimum High–Level
2.0
1.7
1.7
1.7
V
Input Voltage
3.0
2.4
2.4
2.4
4.5
3.6
3.6
3.6
5.5
4.4
4.4
4.4
V IL
Maximum Low–Level
2.0
0.3
0.3
0.3
V
Input Voltage
3.0
0.6
0.6
0.6
4.5
0.9
0.9
0.9
5.5
1.1
1.1
1.1
V OH
Minimum High–Level
V IN = V IH or V IL
2.0
1.9
2.0
1.9
1.9
V
Output Voltage
I OH = – 50
µA
3.0
2.9
3.0
2.9
2.9
V IN = V IH or V IL
4.5
4.4
4.5
4.4
4.4
V IN = V IH or V IL
I OH = –4 mA
3.0
2.58
2.48
2.34
I OH = –8 mA
4.5
3.94
3.80
3.66
V OL
Maximum Low–Level
V IN = V IH or V IL
2.0
0.0
0.1
0.1
0.1
V
Output Voltage
I OL = 50
µA
3.0
0.0
0.1
0.1
0.1
V IN = V IH or V IL
4.5
0.0
0.1
0.1
0.1
V IN = V IH or V IL
I OL = 4 mA
3.0
0.36
0.44
0.52
I OL = 8 mA
4.5
0.36
0.44
0.52
I IN
Maximum Input
V IN = 5.5 V or GND
0 to5.5
±
0.1
±
1.0
±
1.0
µA
Leakage Current
I CC
Maximum Quiescent
V IN = V CC or GND
5.5
2.0
20
40
µA
Supply Current
L74VHC1GU04
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns
T A = 25°C
T A < 85°C
–55°C<TA<125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max Unit
t PLH ,
Maximum
V CC = 3.3± 0.3 V
C L = 15 pF
3.5
8.9
10.5
12.0
ns
t PHL
Propagation Delay,
C L = 50 pF
4.8
11.4
13.0
15.5
Input A or B to Y
V CC = 5.0± 0.5 V C L = 15 pF
2.5
5.5
6.5
8.0
C L = 50 pF
3.8
7.0
8.0
9.5
C IN
Maximum Input
4
10
10
10
pF
Capacitance
Typical @ 25°C, V CC = 5.0 V
C PD
Power Dissipation Capacitance (Note 6)
22
pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without
load. Average operating current can be obtained by the equation: I CC(OPR) = C PD • V CC • f in + I CC
. C
PD is used to determine the no–
load dynamic power consumption; P D = C PD • V CC 2 • f in + I CC • V CC .
3/6


Similar Part No. - L74VHC1GU04DFT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
   2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
   Inverter
More results

Similar Description - L74VHC1GU04DFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com