Electronic Components Datasheet Search |
|
L74VHC1GU04 Datasheet(PDF) 3 Page - Leshan Radio Company |
|
L74VHC1GU04 Datasheet(HTML) 3 Page - Leshan Radio Company |
3 / 6 page LESHAN RADIO COMPANY, LTD. DC ELECTRICAL CHARACTERISTICS V CC T A = 25°C T A < 85°C –55°C<TA<125°C Symbol Parameter Test Conditions (V) Min Typ Max Min Max Min Max Unit V IH Minimum High–Level 2.0 1.7 1.7 1.7 V Input Voltage 3.0 2.4 2.4 2.4 4.5 3.6 3.6 3.6 5.5 4.4 4.4 4.4 V IL Maximum Low–Level 2.0 0.3 0.3 0.3 V Input Voltage 3.0 0.6 0.6 0.6 4.5 0.9 0.9 0.9 5.5 1.1 1.1 1.1 V OH Minimum High–Level V IN = V IH or V IL 2.0 1.9 2.0 1.9 1.9 V Output Voltage I OH = – 50 µA 3.0 2.9 3.0 2.9 2.9 V IN = V IH or V IL 4.5 4.4 4.5 4.4 4.4 V IN = V IH or V IL I OH = –4 mA 3.0 2.58 2.48 2.34 I OH = –8 mA 4.5 3.94 3.80 3.66 V OL Maximum Low–Level V IN = V IH or V IL 2.0 0.0 0.1 0.1 0.1 V Output Voltage I OL = 50 µA 3.0 0.0 0.1 0.1 0.1 V IN = V IH or V IL 4.5 0.0 0.1 0.1 0.1 V IN = V IH or V IL I OL = 4 mA 3.0 0.36 0.44 0.52 I OL = 8 mA 4.5 0.36 0.44 0.52 I IN Maximum Input V IN = 5.5 V or GND 0 to5.5 ± 0.1 ± 1.0 ± 1.0 µA Leakage Current I CC Maximum Quiescent V IN = V CC or GND 5.5 2.0 20 40 µA Supply Current L74VHC1GU04 AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns T A = 25°C T A < 85°C –55°C<TA<125°C Symbol Parameter Test Conditions Min Typ Max Min Max Min Max Unit t PLH , Maximum V CC = 3.3± 0.3 V C L = 15 pF 3.5 8.9 10.5 12.0 ns t PHL Propagation Delay, C L = 50 pF 4.8 11.4 13.0 15.5 Input A or B to Y V CC = 5.0± 0.5 V C L = 15 pF 2.5 5.5 6.5 8.0 C L = 50 pF 3.8 7.0 8.0 9.5 C IN Maximum Input 4 10 10 10 pF Capacitance Typical @ 25°C, V CC = 5.0 V C PD Power Dissipation Capacitance (Note 6) 22 pF 6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD • V CC • f in + I CC . C PD is used to determine the no– load dynamic power consumption; P D = C PD • V CC 2 • f in + I CC • V CC . 3/6 |
Similar Part No. - L74VHC1GU04 |
|
Similar Description - L74VHC1GU04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |