Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GT86 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L74VHC1GT86
Description  2-Input Exclusive OR Gate - CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GT86 Datasheet(HTML) 2 Page - Leshan Radio Company

  L74VHC1GT86 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GT86 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GT86 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GT86 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GT86 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GT86 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1GT86
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
V CC
DC Supply Voltage
3.0
5.5
V
V IN
DC Input Voltage
0.0
5.5
V
V OUT
DC Output Voltage
0.0
V CC
V
T A
Operating Temperature Range
– 55
+ 125
°C
t r ,t f
Input Rise and Fall Time
V
CC = 3.3 ± 0.3 V
0
100
ns/V
V
CC = 5.0 ± 0.5 V
0
20
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Time,
Time,
Temperature °C
Hours
Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
Figure 3. Failure Rate vs. Time Junction Temperature
1
1
10
100
1000
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V CC
DC Supply Voltage
– 0.5 to + 7.0
V
V IN
DC Input Voltage
– 0.5 to +7.0
V
V OUT
DC Output Voltage
V CC=0
– 0.5 to +7.0
V
High or Low State
–0.5 to V cc + 0.5
I IK
Input Diode Current
–20
mA
I OK
Output Diode Current
V
OUT < GND; V OUT > V CC
+20
mA
I OUT
DC Output Current, per Pin
+ 25
mA
I CC
DC Supply Current, V CC and GND
+50
mA
P D
Power dissipation in still air
SC–88A, TSOP–5
200
mW
θ
JA
Thermal resistance
SC–88A, TSOP–5
333
°C/W
T L
Lead Temperature, 1 mm from Case for 10 s
260
°C
T J
Junction Temperature Under Bias
+ 150
°C
T stg
Storage temperature
–65 to +150
°C
V ESD
ESD Withstand Voltage
Human Body Model (Note 2)
>2000
V
Machine Model (Note 3)
> 200
Charged Device Model (Note 4)
N/A
I LATCH–UP
Latch–Up Performance
Above V CC and Below GND at 125°C (Note 5)
± 500
mA
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
eyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied. Functional operation should be restricted to the Recommended Operating Conditions.
2. Derating – SC–88A Package: –3 mW/°C from 65°C to 125°C
– TSOP5 Package: –6 mW/°C from 65°C to 125°C
3. Tested to EIA/JESD22–A114–A
4. Tested to EIA/JESD22–A115–A
5. Tested to JESD22–C101–A
6. Tested to EIA/JESD78
TIME, YEARS
2/6


Similar Part No. - L74VHC1GT86

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results

Similar Description - L74VHC1GT86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
   2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT86A RENESAS-HD74LV1GT86A Datasheet
104Kb / 7P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
HD74LV2GT86A RENESAS-HD74LV2GT86A Datasheet
82Kb / 8P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT86DFT1G ONSEMI-MC74VHC1GT86DFT1G Datasheet
121Kb / 6P
   2-Input Exclusive OR Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 16
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A_15 Datasheet
106Kb / 10P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT32DF1G ONSEMI-MC74VHC1GT32DF1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
MC74VHC1GT32 ONSEMI-MC74VHC1GT32 Datasheet
89Kb / 8P
   2-Input OR Gate/CMOS Logic Level Shifter
November, 2001 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com