Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSL56 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # LSL56
Description  Trench Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL56 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  LSL56 Datasheet HTML 1Page - GOOD-ARK Electronics LSL56 Datasheet HTML 2Page - GOOD-ARK Electronics LSL56 Datasheet HTML 3Page - GOOD-ARK Electronics LSL56 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LSL56
Trench Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 5A
www.goodark.com
3/4
2014.12-Rev.A
Package Outline Dimensions
Packing Information
Packing quantities:
Tape & Reel Specification
Soldering footprint
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.7
1.1
0.028 0.043
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K


Similar Part No. - LSL56

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
logo
Surge Components
LSL54 SURGE-LSL54 Datasheet
1Mb / 3P
   Schottky barrier diodes
logo
GOOD-ARK Electronics
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
   Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
More results

Similar Description - LSL56

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0550S GOOD-ARK-SGC0550S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 5A
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
   Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5BH GOOD-ARK-LS5BH_15 Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
logo
GOOD-ARK Electronics
LS565T GOOD-ARK-LS565T Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 65V Forward Current 5A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com