Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A229 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 1A229
Description  High-Performance LED(Battery-Operated Equipment)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A229 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  1A229 Datasheet HTML 1Page - Mitel Networks Corporation 1A229 Datasheet HTML 2Page - Mitel Networks Corporation 1A229 Datasheet HTML 3Page - Mitel Networks Corporation 1A229 Datasheet HTML 4Page - Mitel Networks Corporation 1A229 Datasheet HTML 5Page - Mitel Networks Corporation 1A229 Datasheet HTML 6Page - Mitel Networks Corporation 1A229 Datasheet HTML 7Page - Mitel Networks Corporation 1A229 Datasheet HTML 8Page - Mitel Networks Corporation 1A229 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
11930.11 1994-09-20
870nm 1A229
High-Performance LED
Battery-Operated Equipment
0.6
14
Ø1.5
Ø4.7
3.7
5.4
2.5
ANODE
CATHODE
BOTTOM VIEW
0.4
The anode is in electrical contact with the case.
TO-46 Package With Lens
This device operates at very low drive
current, which makes it well suited for
battery-operated equipment. In fact, it
can be driven directly by TTL circuitry.
Thermal Characteristics
Fiber:
50/125 m
Graded
Index
NA=0.20
Optical and Electrical Characteristics (25°C Case Temperature)
Absolute Maximum Ratings
Note 1: Measured at the exit of 100 meters of fiber.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Temperature Coefficient - Optical Power
dP/dTj
-0.6
%/ C
Temperature Coefficient -Wavelength
d /dTj
0.3
nm/ C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
23
W
IF=5 mA
(Fig.1, 2,& 3) (Table 1)
(Note 1)
Rise and Fall Time
tr,tf
85
100
ns
IF=5 mA
(10-90%)
(no bias)
Bandwidth
fc
4
MHz
IF=5 mA
(3dBel)
Peak Wavelength
p
850
870
890
nm
IF=5 mA
Spectral Width (FWHM)
60
nm
IF=5 mA
Forward Voltage (Fig. 4)
VF
1.4
1.6
V
IF=5 mA
Reverse Current
IR
1
A
VR=1V
Capacitance
C
250
pF
VR= 0V, f=1 MHz
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to +125 C
Operating Temperature
Top
-55 to +125 C
Electrical Power Dissipation
Ptot
16 mW
Continuous Forward Current (f 10 kHz)
IF
10 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
20 mA
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C


Similar Part No. - 1A229

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A225 MITEL-1A225 Datasheet
193Kb / 10P
   High-Performance LED(Single-Mode Datacom)
More results

Similar Description - 1A229

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A398 MITEL-1A398 Datasheet
182Kb / 9P
   High-Performance LED(Test Equipment)
1A191 MITEL-1A191 Datasheet
193Kb / 10P
   High-Performance LED(Test Equipment)
logo
Extech Instruments Corp...
380340 EXTECH-380340 Datasheet
178Kb / 1P
   Battery Operated Datalogger
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
   BATTERY OPERATED POWER COMPARATOR
logo
Raltron Electronics Cor...
TU-101 RALTRON-TU-101 Datasheet
200Kb / 3P
   Very low power consumption suitable for portable and/or battery operated equipment
logo
Melexis Microelectronic...
DEMO90121DA MELEXIS-DEMO90121DA Datasheet
2Mb / 20P
   Battery operated stand alone RFID reader
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com