Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM5837AF Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part No. SM5837AF
Description  Variable-length 1H Delay Line LSI
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo 

SM5837AF Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM5837AF
NIPPON PRECISION CIRCUITS—5
OE
→ DO0 to DO11 output enable
delay
tPZL
See “Load conditions 2”.
25
ns
tPZH
25
ns
OE
→ DO0 to DO11 output disable
delay
tPLZ
25
ns
tPHZ
25
ns
Input capacitance
CIN
f = 1 MHz
10
pF
Output capacitance
C OUT
f = 1 MHz, OE = VIL
15
pF
Load conditions 1
Load conditions 2
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
40pF
40pF
OUTPUT
OUTPUT
500
PZH
t
PHZ
t
0V(
)
,
PZL
t
PLZ
t
2.6V(
)
,
2.0V
1.0V
2.4V Min
1.5V
0.5V Max
CLK
CR
t
CF
t
1.5V
1.5V
CLK
DI0 - 11
1.5V
RSTN
1.5V
DL0 - 10
CP1
t
S1
t
H1
t
S1
t
H1
t
S1
t
H1
t
CLK
OH
t
PD
t
VALID
DO0 - 11
1.5V
1.5V
VALID
CH1
t
CL1
t


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S422-0005-A3TRIPLE LINE LEADING EDGE CONTROL STANDARD DELAY MODULES 1 Bel Fuse Inc.
CXL5005MCMOS-CCD 1H Delay Line for NTSC with PLL 1 2 3 4 5 MoreSony Corporation
DS10353-in-1 High.Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
MXD10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreMaxim Integrated Products
DS10333-in-1 Low Voltage Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
3D7303MONOLITHIC TRIPLE FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
CXD101-106QC-MOS DIGITAL DELAY LINE 1 2 List of Unclassifed Manufacturers
3D7215MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1 2 3 4 Data Delay Devices, Inc.
15185-TAP SMD DELAY LINE TD/TR = 3 1 2 Data Delay Devices, Inc.
DDU66C5-TAP HCMOS-INTERFACED FIXED DELAY LINE SERIES DDU66C 1 2 3 4 Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn