Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGSOT12LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LGSOT12LT1G
Description  Transient Voltage Suppressors for ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LGSOT12LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LGSOT12LT1G Datasheet HTML 1Page - Leshan Radio Company LGSOT12LT1G Datasheet HTML 2Page - Leshan Radio Company LGSOT12LT1G Datasheet HTML 3Page - Leshan Radio Company LGSOT12LT1G Datasheet HTML 4Page - Leshan Radio Company LGSOT12LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Transient Voltage Suppressors for ESD Protection
General Description
The
is a transient voltage suppressor
designed to protect components which are connected
to data and transmission lines against ESD. It clamps
the voltage just above the logic level supply for
positive transients, and to a diode drop below ground
for negative transients.
Applications
Computers
Printers
Communication systems
Features
Unidirectional Transil functions
Low leakage current: IR max< 20 μA at VRM
300W peak pulse power(8/20μs)
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp = 8/20μs)
300
W
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Temperature Range
-40 to +125
°C
Tj
Maximum junction temperature
150
°C
VPP
Electrostatic discharge
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
15
8
kv
SOT– 23
S-LGSOT08LT1G
1
3
2
LESHAN RADIO COMPANY, LTD.
Transient protection for data lines as per
We declare that the material of product
compliance with RoHS requirements.
Device
Package
Shipping
ORDERING INFORMATION
IEC61000-4-2(ESD)
15KV(air) 8KV(contact)
IEC61000-4-5(Lightning)
see IPPM below
LGSOT08LT1G
Rev.O 1/5
LGSOT08LT1G
LGSOT08LT1G
SOT–23
3000/Tape & Reel
S-LGSOT08LT1G
S- Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change
Requirements; AEC-Q101 Qualified and PPAP Capable.


Similar Part No. - LGSOT12LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LGSOT12LT1G LRC-LGSOT12LT1G Datasheet
588Kb / 5P
   Transient Voltage Suppressors for ESD Protection
LGSOT12LT1G LRC-LGSOT12LT1G Datasheet
631Kb / 5P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - LGSOT12LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com