Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7718B Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7718B
Description  Hex Half-Bridge Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7718B Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7718B Datasheet HTML 1Page - ON Semiconductor NCV7718B Datasheet HTML 2Page - ON Semiconductor NCV7718B Datasheet HTML 3Page - ON Semiconductor NCV7718B Datasheet HTML 4Page - ON Semiconductor NCV7718B Datasheet HTML 5Page - ON Semiconductor NCV7718B Datasheet HTML 6Page - ON Semiconductor NCV7718B Datasheet HTML 7Page - ON Semiconductor NCV7718B Datasheet HTML 8Page - ON Semiconductor NCV7718B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NCV7718B
http://onsemi.com
4
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
Figure 3. Pinout − SSOP24 (Top View)
OUT1
OUT5
NC
VCC
SO
EN
NC
OUT6
OUT4
GND
SI
OUT2
NC
VS1
SCLK
CSB
RESERVED
RESERVED
VS2
NC
OUT3
GND
PACKAGE DESCRIPTION The pin−out for the Hex Half−Bridge in SSOP24 package is shown in the table below.
Pin #
SSOP24
Symbol
Description
1
GND
Ground. Shorted to pin 24 internally.
2
OUT1
Half Bridge Output 1
3
OUT5
Half Bridge Output 5
4
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
5
SI
Serial Input. 16 bit serial communications input. 3.3 V/5 V (TTL) Compatible. Internally pulled down.
6
VCC
Power supply input for Logic.
7
SO
Serial Output. 16 bit serial communications output. 3.3 V/5 V Complaint
8
EN
Enable. Input high wakes the IC up from a sleep mode. 3.3 V/5 V (TTL) Compatible. Internally pulled down.
9
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
10
OUT6
Half Bridge Output 6
11
OUT4
Half Bridge Output 4
12
GND
Ground. Shorted to pin 13 internally.
13
GND
Ground. Shorted to pin 12 internally.
14
OUT3
Half Bridge Output 3
15
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
16
VS2
Voltage Power Supply input for the Drivers 3, 4 and 6. This pin must be connected to VS1 externally.
17
Reserved
Reserved for internal use. This pin must be grounded.
18
Reserved
Reserved for internal use. This pin must be grounded.
19
CSB
Chip Select Bar. Active low serial port operation. 3.3V/5V (TTL) Compatible. Internally pulled up.
20
SCLK
Serial Clock. Clock input for use with SPI communication. 3.3 V/5 V (TTL) Compatible. Internally pulled
down.
21
VS1
Voltage Power Supply input for the Drivers 1, 2 and 5, all the pre−drivers and the charge pump. This pin
must be connected to VS2 externally.
22
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
23
OUT2
Half Bridge Output 2
24
GND
Ground. Shorted to pin 1 internally.
EPAD
Exposed
Pad
Connect to GND or leave unconnected.


Similar Part No. - NCV7718B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7718B ONSEMI-NCV7718B Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7718BDQR2G ONSEMI-NCV7718BDQR2G Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7718B ONSEMI-NCV7718B_18 Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
More results

Similar Description - NCV7718B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7718 ONSEMI-NCV7718 Datasheet
331Kb / 27P
   Hex Half-Bridge Driver
September, 2012 ??Rev. 0
NCV7718 ONSEMI-NCV7718_18 Datasheet
282Kb / 27P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 3
NCV7718B ONSEMI-NCV7718B_18 Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7728 ONSEMI-NCV7728 Datasheet
273Kb / 27P
   Hex Half-Bridge Driver
March, 2014 ??Rev. 1
NCV7728 ONSEMI-NCV7728_18 Datasheet
283Kb / 27P
   Hex Half-Bridge Driver
May, 2018 ??Rev. 6
NCV7723B ONSEMI-NCV7723B Datasheet
281Kb / 25P
   Hex Half-Bridge Driver
February, 2020 ??Rev. 1
logo
Infineon Technologies A...
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com