Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7349 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV7349
Description  High Speed Low Power CAN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7349 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV7349 Datasheet HTML 1Page - ON Semiconductor NCV7349 Datasheet HTML 2Page - ON Semiconductor NCV7349 Datasheet HTML 3Page - ON Semiconductor NCV7349 Datasheet HTML 4Page - ON Semiconductor NCV7349 Datasheet HTML 5Page - ON Semiconductor NCV7349 Datasheet HTML 6Page - ON Semiconductor NCV7349 Datasheet HTML 7Page - ON Semiconductor NCV7349 Datasheet HTML 8Page - ON Semiconductor NCV7349 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV7349
www.onsemi.com
2
Table 1. KEY TECHNICAL CHARACTERISTICS AND OPERATING RANGES
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Power supply voltage
(Note 1)
4.75
(4.5)
5.25
(5.5)
V
VUV
Undervoltage detection voltage on pin Vcc
2
4
V
VCANH
DC voltage at pin CANH
0 < VCC < 5.5 V; no time limit
−50
+50
V
VCANL
DC voltage at pin CANL
0 < VCC < 5.5 V; no time limit
−50
+50
V
VCANH,Lmax
DC voltage at pin CANH and CANL during load
dump condition
0 < VCC < 5.5 V, less than one second
+58
V
VESD
Electrostatic discharge voltage
IEC 61000−4−2 at pins CANH and CANL
−15
15
kV
VO(dif)(bus_dom)
Differential bus output voltage in dominant state
45
W < RLT < 65 W
1.5
3
V
CM−range
Input common−mode range for comparator
Guaranteed differential receiver thresh-
old and leakage current
−35
+35
V
Cload
Load capacitance on IC outputs
15
pF
tpd0
Propagation delay (NCV7349−0 version)
See Figure 7
245
ns
tpd3
Propagation delay (NCV7349−3 version)
See Figure 7
250
ns
TJ
Junction temperature
−40
150
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. In the range of 4.5 V to 4.75 V and from 5.25 V to 5.5 V the chip is fully functional; some parameters may be outside of the specification.
BLOCK DIAGRAM
Figure 1. Block Diagram
Mode &
Wake−up
control
Wake−up
Filter
NCV7349
STB
GND
RxD
2
3
7
6
COMP
COMP
5
Timer
TxD
1
Driver control
Thermal
shutdown
8
4
CANH
CANL
VIO
VIO
VIO (*)
VCC
*On NCV7349−0 version pin 5 is not connected. VIO supply is provided by VCC.


Similar Part No. - NCV7349

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
NCV7340D12G ONSEMI-NCV7340D12G Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
NCV7340D12G ONSEMI-NCV7340D12G Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7340D12G ONSEMI-NCV7340D12G Datasheet
111Kb / 12P
   High Speed Low Power CAN Transceiver
October, 2014 ??Rev. 8
NCV7340D12R2G ONSEMI-NCV7340D12R2G Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
More results

Similar Description - NCV7349

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com