Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2302 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS2302
Description  Headset Detection Interface Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2302 Datasheet(HTML) 7 Page - ON Semiconductor

  NCS2302 Datasheet HTML 1Page - ON Semiconductor NCS2302 Datasheet HTML 2Page - ON Semiconductor NCS2302 Datasheet HTML 3Page - ON Semiconductor NCS2302 Datasheet HTML 4Page - ON Semiconductor NCS2302 Datasheet HTML 5Page - ON Semiconductor NCS2302 Datasheet HTML 6Page - ON Semiconductor NCS2302 Datasheet HTML 7Page - ON Semiconductor NCS2302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCS2302
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 9. High to Low Propagation to SE with
Changing Input Overdrive of SE_DET
PROPAGATION DELAY (ns)
700
400
300
200
100
0
−100
−0.1
0
0.1
0.3
0.4
0.5
0.7
0.8
0.2
0.6
INPUT
OUTPUT
100 mV
50 mV
20 mV
10 mV
VDD = 1.8 V
VDD2 = 2.1 V
RL = 1 MW
CL = 15 pF
TA = 25°C
−0.5
0
0.5
1.5
2.0
2.5
3.5
4.0
1.0
3.0
500
600
APPLICATIONS INFORMATION
Supply Voltages
The NCS2302 works with a wide range of supply
voltages. The main headset detection circuitry power supply
can range from VDD = 1.6 V to 2.5 V. The send/end button
press detection circuit can be powered from VDD2 = 1.6 to
2.8 V. VDD should be powered up before VDD2. The
send/end detection comparator will not be functional unless
VDD and VDD2 are both applied. VDD2 can be connected to
VDD or to a separate supply voltage, such as the MIC bias
voltage. Decoupling capacitors of 0.1
mF should be placed
as close as possible to each power supply pin. Since the
NCS2302 has built in latch−up immunity up to 800 mA,
series resistors are not recommended on VDD or VDD2.
Audio Jack Detection
The NCS2302 is designed to simplify the detection of a
stereo audio connector with a microphone contact. When the
headset is not connected, the internal pull−up resistors on
L_DET and GND_DET pull those pins high. When the
headset is connected to the switched audio jack, the headset
ground and left audio channel trigger L_DET and
GND_DET to logic low.
The NCS2302 can work with either the CTIA or OMTP
standard. In order to support both standards simultaneously,
a cross point switch and additional circuitry is necessary to
detect and swap the ground and microphone pins.
Send/End Button Press Detection
A second integrated comparator allows the send/end
signal to be compared with a reference voltage to detect
whether the send/end button has been pressed.
MIC Pin Biasing
The typical application schematic in Figure 1 shows the
recommended 2.2 k
W pull−up resistor to the MIC bias
voltage. The MIC bias voltage can exceed VDD and can go
as high as 2.95 V. When the headset is not detected, the
internal NMOS transistor is enabled to mute the MIC signal.
In the typical application scenario with a 2.2 k
W pull−up to
a 2.1 V MIC bias voltage, the MIC pin is pulled to 1 mV
when the headset is not present. The internal NMOS
transistor is optimized to sink up to 2 mA of current,
allowing some flexibility in the selection of the pull−up
resistor and MIC bias voltage.


Similar Part No. - NCS2302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
NCS2300MUTAG ONSEMI-NCS2300MUTAG Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
More results

Similar Description - NCS2302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
Analog Devices
EVAL-ADGS1412SDZ AD-EVAL-ADGS1412SDZ Datasheet
717Kb / 12P
   SPI interface with error detection
logo
Texas Instruments
TPA6166A2 TI1-TPA6166A2 Datasheet
1Mb / 49P
[Old version datasheet]   3.5-mm Jack Detect and Headset Interface IC
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
   22 channel multiple switch detection interface
Rev. 4, 7/2019
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com