Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3232N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3232N
Description  High Current Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3232N Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3232N Datasheet HTML 1Page - ON Semiconductor NCP3232N Datasheet HTML 2Page - ON Semiconductor NCP3232N Datasheet HTML 3Page - ON Semiconductor NCP3232N Datasheet HTML 4Page - ON Semiconductor NCP3232N Datasheet HTML 5Page - ON Semiconductor NCP3232N Datasheet HTML 6Page - ON Semiconductor NCP3232N Datasheet HTML 7Page - ON Semiconductor NCP3232N Datasheet HTML 8Page - ON Semiconductor NCP3232N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 5
1
Publication Order Number:
NCP3232N/D
NCP3232N
High Current Synchronous
Buck Converter
The NCP3232N is a high current, high efficiency voltage−mode
synchronous buck converter which operates from 4.5 V to 21 V input
and generates output voltages down to 0.6 V at up to 15 A.
Features
Wide Input Voltage Range from 4.5 V to 21 V
0.6 V Internal Reference Voltage
500 kHz Switching Frequency
External Programmable Soft−Start
Lossless Low−side FET Current Sensing
Output Over−voltage Protection and Under−voltage Protection
System Over−temperature Protection using a Thermistor or Sensor
Hiccup Mode Operation for all Faults
Pre−bias Start−up
Adjustable Output Voltage
Power Good Output
Internal Over−temperature Protection
These Devices are Pb−Free and are RoHS Compliant*
Typical Application
Cellular Base Stations
ASIC, FPGA, DSP and CPU Core and I/O Supplies
Telecom and Network Equipment
Server and Storage System
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
QFN40 6x6, 0.5P
CASE 485CM
Device
Package
Shipping
ORDERING INFORMATION
NCP3232NMNTXG
QFN−40
(Pb−Free)
2500 /
Tape & Reel
MARKING
DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
NCP3232N
AWLYYWWG
1
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN CONNECTIONS
VIN
EP42
GND
EP41
VSWH
EP43
15
14
13
12
11
20
19
18
17
16
36
37
38
39
40
31
32
33
34
35
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
EN
VCC
VB
PGND
BST
VSW
VSWH
VSWH
VSWH
VSWH
(TOP VIEW)
40
1


Similar Part No. - NCP3232N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3230MNTXG ONSEMI-NCP3230MNTXG Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231AMNTXG ONSEMI-NCP3231AMNTXG Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
More results

Similar Description - NCP3232N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com