Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709006A Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC709006A
Description  I/O-Expander for Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709006A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC709006A Datasheet HTML 6Page - ON Semiconductor LC709006A Datasheet HTML 7Page - ON Semiconductor LC709006A Datasheet HTML 8Page - ON Semiconductor LC709006A Datasheet HTML 9Page - ON Semiconductor LC709006A Datasheet HTML 10Page - ON Semiconductor LC709006A Datasheet HTML 11Page - ON Semiconductor LC709006A Datasheet HTML 12Page - ON Semiconductor LC709006A Datasheet HTML 13Page - ON Semiconductor LC709006A Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LC709006A
No.8265-10/14
(2) Data communication mode
1) When the CS pin is set low with the RES pin held high, the LC709006A gets ready for serial communication.
(Subsequently, processing in steps 2) and 3) are identical to steps 2) and 3) in paragraph (1)-2).
2) The input data at P00 is sent directly to the DOUT pin on the first falling edge of the CLK signal. Data at pins
P01 to P27 is loaded into the shift register on the next rising edge of the clock.
3) Subsequently, the ports' input data, which is loaded into the shift register on the falling edge of CLK, is placed at
the DOUT pin sequentially (P00
→P07, P10→P17, P20→P27) in synchronization with the falling edges of CLK,
starting at port pin P00. In parallel with this operation, when data to be placed at the ports is supplied to the DIN
pin sequentially starting at the port pin P00 (P00
→P07, P10→P17, P20→P27), it is loaded into the internal shift
register in synchronization with the rising edges of CLK.
4) When the CS pin is set high after the rising edge of the 24th clock, the data loaded in the shift register is loaded
into the DDR register which determines the output state of the ports and the states of all port pins (P00 to P27) are
then changed (output) according to the conditions established in the DDR and DTR registers. Serial data that
occurs following the initial communication mode processing is always loaded into the DTR register.
Fig. 3
5) Subsequently, the state of all port pins (P00 to P27) is updated each time the set of steps 1) to 4) described in
paragraph (2) are performed.
Fig. 4
Note: Connect a Pull-up resister (about 100k
Ω) to CS using MCU VDD.
RES
CS
CLK
DIN
DOUT
P00 to P27
P00_DO
P01_DO
P00_DI
P01_DI
P06_DO
P07_DO
P06_DI
P07_DI
P10_DO
P11_DO
P10_DI
P11_DI
P16_DO
P17_DO
P16_DI
P17_DI
P20_DO
P21_DO
P20_DI
P21_DI
P26_DO
P27_DO
P26_DI
P27_DI
DDR
DTR
P00-P27_OUT
P27_DI(Previous Data)
* PXX_DO denotes the output data to the port pin identified by PXX.
0
Hi-Z
Hi-Z
1
6
7
8
9
14
15
16
17
22
23
Hi-Z
Hi-Z
RES
CS
CLK
DIN
DOUT
P00 to P27
P00_DO
P01_DO
P00_DI
P01_DI
P06_DO
P07_DO
P06_DI
P07_DI
P10_DO
P11_DO
P10_DI
P11_DI
P16_DO
P17_DO
P16_DI
P17_DI
P20_DO
P21_DO
P20_DI
P21_DI
P26_DO
P27_DO
P26_DI
P27_DI
DDR
DTR
P00-P27_OUT
0
1
6
7
8
9
14
15
16
17
22
23
P00-P27_OUT(Previous Data)
P00-P27_OUT(Previous Data)
P00-P27_OUT(Previous Data)
P00-P27_OUT(Previous Data)
P27_DI(Previous Data)


Similar Part No. - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
More results

Similar Description - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com