Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS34AS Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # LS34AS
Description  Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS34AS Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  LS34AS_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS34AS_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS34AS_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS34AS_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS34AS thru LS345AS
Surface Mount Schottky Rectifier
Reverse Voltage 40~45V Forward Current 3A
www.goodark.com
3/4
2015.01-Rev.A
Package Outline Dimensions
in inches (millimeters)
DIM
MIN MAX MIN MAX
Unit: mm
Unit: inch
A
0.92 1.08 0.036 0.043
A1
0
0.1 0.000 0.004
B
1.25 1.45 0.049 0.057
C
0.1
0.25 0.004 0.010
D
2.6
2.8 0.102 0.110
E
4.1
4.3 0.161 0.169
Soldering  footprint
L
0.7
1.1 0.028 0.043
HE
4.8
5.2 0.189 0.205
Packing Information
Packing quantities:
10,000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
www.goodark.com
3/4
2015.01-Rev.A


Similar Part No. - LS34AS_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS34AS GOOD-ARK-LS34AS Datasheet
388Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - LS34AS_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS345A GOOD-ARK-LS345A Datasheet
190Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LSL34 GOOD-ARK-LSL34 Datasheet
265Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
FS32 GOOD-ARK-FS32_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 3A
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com