Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS12 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LMS12
Description  Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LMS12 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LMS12_15 Datasheet HTML 1Page - GOOD-ARK Electronics LMS12_15 Datasheet HTML 2Page - GOOD-ARK Electronics LMS12_15 Datasheet HTML 3Page - GOOD-ARK Electronics LMS12_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LMS12 thru LMS14
Low Profile Surface Mount Schottky Bridge Rectifiers
Reverse Voltage 20~40V Output Current 1A
www.goodark.com
1/4
2015.01-Rev.A
Features
• Super Low VF Schottky barrier bridge rectifiers
• Low profile,Max Height 1.30mm
• Low forward voltage drop
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
LPMB
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings (TA 25 °C l
th
i
t d)
VRRM
V
VRMS
V
VDC
V
Io(AV)
1)
A
Maximum DC blocking voltage
20
30
40
Maximum average output rectified current
1.0
Maximum repetitive peak reverse voltage
20
30
40
Maximum RMS voltage
14
21
28
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LMS12
LMS13
LMS14
Unit
()
IFSM
A
TJ
°C
TSTG
°C
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
30
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Maximum instantaneous
forward voltage
IF=0.5A,TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
71
0.45
Maximum DC reverse current
at rated DC blocking voltage
IR
200
30
Parameter
Test Conditions
Symbol
LMS12
LMS13
LMS14
Unit
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to case
RθJC
Notes:
1. On glass epoxy PCB, mounted on 1.3*1.3mm solder pads
71
40
℃/W
20
www.goodark.com
1/4
2015.01-Rev.A


Similar Part No. - LMS12_15

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMS12N10A LEIDITECH-LMS12N10A Datasheet
1Mb / 6P
   N-ChannelEnhancement Mode Power MOSFET
More results

Similar Description - LMS12_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LMS22 GOOD-ARK-LMS22_15 Datasheet
194Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 2A
LMS34 GOOD-ARK-LMS34_15 Datasheet
268Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 40V Output Current 3A
LMS1B GOOD-ARK-LMS1B_15 Datasheet
187Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 100V Output Current 1A
LMS16 GOOD-ARK-LMS16_15 Datasheet
186Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 1A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
LMS26 GOOD-ARK-LMS26_15 Datasheet
199Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 2A
LMS36 GOOD-ARK-LMS36_15 Datasheet
193Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 3A
LMS220 GOOD-ARK-LMS220_15 Datasheet
196Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 200V Output Current 2A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FSL14 GOOD-ARK-FSL14_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com