Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2H Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # L2H
Description  Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2H Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  L2H_15 Datasheet HTML 1Page - GOOD-ARK Electronics L2H_15 Datasheet HTML 2Page - GOOD-ARK Electronics L2H_15 Datasheet HTML 3Page - GOOD-ARK Electronics L2H_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L2H1 thru L2H7
Surface Mount Glass Passivated High Efficiency Rectifier
Reverse Voltage 50~1000V Forward Current 2A
www.goodark.com
1/4
2014.03-Rev.A
Features
• Glass passivated High Efficiency rectifiers
• Ideal for automated placement
Lf
d
lt
d
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• Low profile, typical thickness 1.0mm
Typical Applications
eSGB (SMAF)
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
L2H1
L2H2
L2H3
L2H4
2.0
50
Unit
Maximum average forward rectified
Maximum DC blocking voltage
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Parameter
Symbol
L2H5
L2H6
L2H7
Peak forward surge current 8.3 ms single
half sine wave superimposed on rated
IFSM
A
TJ,
TSTG
°C
50
- 55 to + 150
L2H1
L2H2
L2H3
L2H4
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
L2H5
L2H6
L2H7
Unit
half sine-wave superimposed on rated
load
Operating junction and storage
temperature range
Maximum
instantaneous forward
voltage
2 A
VF
Volts
TA=25℃
TA=125℃
L2H1
L2H2
L2H3
L2H4
1.3
Parameter
Test Conditions Symbol
L2H5
L2H6
L2H7
Unit
1.7
Maximum DC reverse
current at rated DC
blocking voltage
IR
µA
5
50
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal
resistance
1)
juntion to mount
RθJM
℃/W
Note:1),The thermal resistance from junction to mount,mounted on P.C.B with 8×8mm copper pads,2 OZ,FR4 PCB
20
75
nS
Maximum reverse
recovery time
trr
15
50
www.goodark.com
1/4
2014.03-Rev.A


Similar Part No. - L2H_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2H1 GOOD-ARK-L2H1 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
L2H2 GOOD-ARK-L2H2 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
L2H3 GOOD-ARK-L2H3 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
L2H4 GOOD-ARK-L2H4 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
L2H5 GOOD-ARK-L2H5 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
More results

Similar Description - L2H_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
FH1 GOOD-ARK-FH1_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 1A
LH1 GOOD-ARK-LH1_15 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 1A
L2F1-SL GOOD-ARK-L2F1-SL_15 Datasheet
200Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 2A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGC61A GOOD-ARK-SGC61A_15 Datasheet
254Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 6A
logo
Leshan Radio Company
HFMBF208 LRC-HFMBF208 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODHE101-SH LRC-SODHE101-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HFM101 LRC-HFM101 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
GOOD-ARK Electronics
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com