Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W137TF005-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W137TF005-36
Description  WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W137TF005-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W137TF005-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W137TF005-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W137TF005-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W137TF005-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Twistable
• Thirty six inch long WR-137 waveguide
• Flexes in both the E and H plane
• Neoprene sleeve allows pressurization
• 5.85 GHz to 8.2 GHz Frequency Range
Brass flanges with a silver plated brass body
Applications
Simplifies positioning parabolic
reflectors for line of sight
microwave radio links.
• Test Benches
• Eliminates installation problems
caused by misalignment.
• Allows expansion/contraction
due to thermal issues.
• Pressurized waveguide systems
• Provides vibration isolation
• Microwave Radio
.
Description
The PE-W137TF005-36 is part of Pasternack’s family of flexible, twistable waveguides which operates in the 5.85 to 8.2 GHz
range. The waveguide body is made of a helically wound silver coated brass strip. It can be twisted and/or bent in both the
E and H planes without impairing VSWR or attenuation. The waveguide is covered by a neoprene jacket which protects the
waveguide, provides mechanical support and allows the waveguide to be pressurized.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
VSWR
1.05:1
Insertion Loss
0.18
dB
.
Mechanical Specifications
Waveguide Size
WR-137
Waveguide Design
Twistable
Section Length
36 in [914.4 mm]
E-Plane Minimum Bend Radius, One Time
4 in [101.6 mm]
E-Plane Minimum Bend Radius, Repeated
16 in [406.4 mm]
H-Plane Minimum Bend Radius, One Time
8 in [203.2 mm]
H-Plane Minimum Bend Radius, Repeated
32 in [812.8 mm]
Maximum Offset Rotation, One Time
64 degrees/ft
Maximum Offset Rotation, Repeated
16 degrees/ft
Maximum Operating Pressure
30 psig
PE-W137TF005-36 REV 1.0
PE-W137TF005-36
WR-137 Flexible Waveguide Twist With a UG-344/U
Flange Operating From 5.85 GHz to 8.2 GHz
Waveguide Twists Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Flexible Waveguide Twist With a UG-344/U Flange Operating From 5.85 GHz to
8.2 GHz PE-W137TF005-36


Similar Part No. - PE-W137TF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137TF005-36 PASTERNACK-PE-W137TF005-36 Datasheet
396Kb / 4P
   WR-137 Twistable Flexible Waveguide
PE-W137TF005-36 PASTERNACK-PE-W137TF005-36_V01 Datasheet
396Kb / 4P
   WR-137 Twistable Flexible Waveguide
More results

Similar Description - PE-W137TF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137TF005-24 PASTERNACK-PE-W137TF005-24 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF005-12 PASTERNACK-PE-W137TF005-12 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137B002 PASTERNACK-PE-W137B002 Datasheet
329Kb / 2P
   WR-137 Waveguide H-Bend with UG-344-U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137TF006-36 PASTERNACK-PE-W137TF006-36 Datasheet
415Kb / 4P
   WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF006-24 PASTERNACK-PE-W137TF006-24 Datasheet
414Kb / 4P
   WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF006-12 PASTERNACK-PE-W137TF006-12 Datasheet
415Kb / 4P
   WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137SF005-12 PASTERNACK-PE-W137SF005-12 Datasheet
397Kb / 4P
   WR-137 Flexible Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-24 PASTERNACK-PE-W137SF005-24 Datasheet
397Kb / 4P
   WR-137 Flexible Straight Waveguide Section 24 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-36 PASTERNACK-PE-W137SF005-36 Datasheet
398Kb / 4P
   WR-137 Flexible Straight Waveguide Section 36 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PEWAD5018 PASTERNACK-PEWAD5018 Datasheet
423Kb / 4P
   WR-137 Waveguide Bulkhead Adapter UG-344/U Square Cover Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com