Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W137S001-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE-W137S001-6
Description  WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W137S001-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
Outline Drawing
WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344/U Flange Operating from 5.85 GHz to
8.2 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344/U Flange
Operating from 5.85 GHz to 8.2 GHz PE-W137S001-6
URL:
http://www.pasternack.com/wr-137-straight-waveguide-section-ug344u-flange-5.85-8.2-ghz-pe-w137s001-6-p.aspx
PE-W137S001-6 REV 1.0
PE-W137S001-6
WR-137 Commercial Grade Straight Waveguide
Section 6 Inch Length with UG-344/U Flange
Operating from 5.85 GHz to 8.2 GHz


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn