Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W90TF006-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-W90TF006-36
Description  WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W90TF006-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-W90TF006-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W90TF006-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W90TF006-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W90TF006-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
-1.00
-0.90
-0.80
-0.70
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
8.20
8.80
9.40
10.00
10.60
11.20
11.80
12.40
GHz
Insertion Loss dB
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF006-36
URL: http://www.pasternack.com/wr-90-flexible-waveguide-twist-cpr90g-8.2-12.4-ghz-pe-w90tf006-36-p.aspx
PE-W90TF006-36 REV 1.0
PE-W90TF006-36
WR-90 Flexible Waveguide Twist With a CPR-90G
Flange Operating From 8.2 GHz to 12.4 GHz
Waveguide Twists Technical Data Sheet


Similar Part No. - PE-W90TF006-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90TF006-36 PASTERNACK-PE-W90TF006-36 Datasheet
427Kb / 4P
   WR-90 Twistable Flexible Waveguide
PE-W90TF006-36 PASTERNACK-PE-W90TF006-36_V01 Datasheet
427Kb / 4P
   WR-90 Twistable Flexible Waveguide
More results

Similar Description - PE-W90TF006-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
   WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90B004 PASTERNACK-PE-W90B004 Datasheet
362Kb / 2P
   WR-90 Waveguide H-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
   WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90TF005-24 PASTERNACK-PE-W90TF005-24 Datasheet
393Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-36 PASTERNACK-PE-W90TF005-36 Datasheet
394Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-12 PASTERNACK-PE-W90TF005-12 Datasheet
395Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF006-12 PASTERNACK-PE-W90SF006-12 Datasheet
416Kb / 4P
   WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90SF006-24 PASTERNACK-PE-W90SF006-24 Datasheet
416Kb / 4P
   WR-90 Flexible Straight Waveguide Section 24 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com