Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W90TF006-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W90TF006-24
Description  WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W90TF006-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W90TF006-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W90TF006-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W90TF006-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W90TF006-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Description
Flange 1
Waveguide
Flange 2
Interface
CPR-90G
WR-90
CPR-90G
Material
Brass
Brass
Brass
Plating
Silver
Color
Gold
Black
Gold
...
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
Typical Performance Data
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
8.2
8.8
9.4
10
10.6
11.2
11.8
12.4
GHz
Insertion Loss dB
PE-W90TF006-24 REV 1.0
PE-W90TF006-24
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to
12.4 GHz PE-W90TF006-24
WR-90 Flexible Waveguide Twist With a CPR-90G
Flange Operating From 8.2 GHz to 12.4 GHz
Waveguide Twists Technical Data Sheet


Similar Part No. - PE-W90TF006-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24 Datasheet
424Kb / 4P
   WR-90 Twistable Flexible Waveguide
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24_V01 Datasheet
424Kb / 4P
   WR-90 Twistable Flexible Waveguide
More results

Similar Description - PE-W90TF006-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90TF006-36 PASTERNACK-PE-W90TF006-36 Datasheet
415Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
   WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90B004 PASTERNACK-PE-W90B004 Datasheet
362Kb / 2P
   WR-90 Waveguide H-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
   WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90TF005-24 PASTERNACK-PE-W90TF005-24 Datasheet
393Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-36 PASTERNACK-PE-W90TF005-36 Datasheet
394Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-12 PASTERNACK-PE-W90TF005-12 Datasheet
395Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF006-12 PASTERNACK-PE-W90SF006-12 Datasheet
416Kb / 4P
   WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90SF006-24 PASTERNACK-PE-W90SF006-24 Datasheet
416Kb / 4P
   WR-90 Flexible Straight Waveguide Section 24 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com