Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFD5483NLWFT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFD5483NLWFT1G
Description  Power MOSFET Dual N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5483NLWFT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFD5483NLWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFD5483NLWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFD5483NLWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFD5483NLWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFD5483NLWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFD5483NLWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 3
1
Publication Order Number:
NVMFD5483NL/D
NVMFD5483NL
Power MOSFET
60 V, 36 m
W, 24 A, Dual N−Channel
Features
Small Footprint (5x6 mm) for Compact Designs
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
175°C Operating Temperature
NVMFD5483NLWF − Wettable Flank Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
This is a Pb−Free Device
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain
Current RqJC
(Notes 1, 2, 4)
Steady
State
TC = 25°C
ID
24
A
TC = 100°C
17
Power Dissipation
RqJC (Notes 1, 2)
TC = 25°C
PD
44.1
W
TC = 100°C
22.1
Continuous Drain
Current RqJA
(Notes 1, 3 & 4)
Steady
State
TA = 25°C
ID
6.4
A
TA = 100°C
4.5
Power Dissipation
RqJA (Notes 1 & 3)
TA = 25°C
PD
3.1
W
TA = 100°C
1.5
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
153
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
175
°C
Source Current (Body Diode)
IS
39
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VGS = 10 V, IL(pk) = 28 A,
L = 0.1 mH)
EAS
39
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Note 2)
RqJC
3.4
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
49
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted to an ideal (infinite) heat sink.
3. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
4. Maximum current for pulses as long as 1 second are higher but are dependent
on pulse duration and duty cycle.
ORDERING INFORMATION
www.onsemi.com
Device
Package
Shipping
V(BR)DSS
RDS(on) MAX
ID MAX
60 V
36 m
W @ 10 V
24 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
DFN8 5x6
(SO8FL)
CASE 506BT
MARKING DIAGRAM
45 m
W @ 4.5 V
NVMFD5483NLT1G
DFN8
(Pb−Free)
1500/
Tape & Reel
XXXXXX = 5483NL
XXXXXX = (NVMFD5483NL) or
XXXXXX = 5483LW
XXXXXX = (NVMFD5483NLWF)
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
D1
D1
D2
D2
S1
G1
S2
G2
Dual N−Channel
D1
S1
G1
XXXXXX
AYWZZ
1
D2
D1
D2
S2
G2
D2
D1
NVMFD5483NLWFT1G
DFN8
(Pb−Free)
1500/
Tape & Reel
NVMFD5483NLWFT3G
DFN8
(Pb−Free)
5000/
Tape & Reel
NVMFD5483NLT3G
DFN8
(Pb−Free)
5000/
Tape & Reel


Similar Part No. - NVMFD5483NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5485NL ONSEMI-NVMFD5485NL Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLT1G ONSEMI-NVMFD5485NLT1G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLT3G ONSEMI-NVMFD5485NLT3G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLWFT1G ONSEMI-NVMFD5485NLWFT1G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
NVMFD5485NLWFT3G ONSEMI-NVMFD5485NLWFT3G Datasheet
86Kb / 6P
   Power MOSFET
May, 2015 ??Rev. 3
More results

Similar Description - NVMFD5483NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A90PZC ONSEMI-NTLUS3A90PZC Datasheet
138Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 0
NVMFD5875NL ONSEMI-NVMFD5875NL Datasheet
82Kb / 6P
   Dual N?묬hannel Power MOSFET
November, 2015 ??Rev. P1
NVDD5894NL ONSEMI-NVDD5894NL Datasheet
125Kb / 6P
   Dual N?묬hannel Power MOSFET
December, 2013 ??Rev. 0
NTLUD4C26N ONSEMI-NTLUD4C26N Datasheet
131Kb / 7P
   Power MOSFET Dual N?묬hannel
October, 2015 ??Rev. 0
NTMFS4957N ONSEMI-NTMFS4957N Datasheet
122Kb / 7P
   Power MOSFET Dual N?묬hannel
January, 2014 ??Rev. 1
NTMFS5C404NLT ONSEMI-NTMFS5C404NLT Datasheet
127Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 0
NVJD5121N ONSEMI-NVJD5121N Datasheet
69Kb / 5P
   Power MOSFET Dual N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C430NL ONSEMI-NTMFS5C430NL Datasheet
126Kb / 6P
   Power MOSFET Dual N?묬hannel
July, 2015 ??Rev. 0
NTTFS4C10N ONSEMI-NTTFS4C10N Datasheet
119Kb / 7P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 2
NVMFD5853N ONSEMI-NVMFD5853N Datasheet
130Kb / 6P
   Dual N?묬hannel Power MOSFET
September, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com