Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3P8203A Datasheet(PDF) 2 Page - ON Semiconductor

Part # P3P8203A
Description  General Purpose Peak EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P8203A Datasheet(HTML) 2 Page - ON Semiconductor

  P3P8203A Datasheet HTML 1Page - ON Semiconductor P3P8203A Datasheet HTML 2Page - ON Semiconductor P3P8203A Datasheet HTML 3Page - ON Semiconductor P3P8203A Datasheet HTML 4Page - ON Semiconductor P3P8203A Datasheet HTML 5Page - ON Semiconductor P3P8203A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P3P8203A
http://onsemi.com
2
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Type
Description
1
XIN/CLKIN
Input
Crystal connection or External reference clock input.
2
XOUT
Output
Crystal connection. If using an external reference, this pin should be left open.
3
NC
No connection
4
GND
Power
Ground
5
ModOUT
Output
Buffered Modulated Clock output.
6
NC
No connection
7
SSEXTR
Input
Analog Deviation Selection through external resistor to GND.
8
VDD
Power
Supply Voltage
Table 2. OPERATING CONDITIONS
Symbol
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF
Table 3. ABSOLUTE MAXIMUM RATING
Symbol
Description
Rating
Unit
VDD, VIN
Voltage on any input pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22−A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.
Table 4. ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VIL
Input LOW Voltage
0.35 *
VDD
V
VIH
Input HIGH Voltage
0.65 *
VDD
V
VOL
Output LOW Voltage
IOL = 8 mA
0.25 *
VDD
V
VOH
Output HIGH Voltage
IOH = -8 mA
0.75 *
VDD
V
ICC
Static Supply Current
CLKIN pulled LOW
1
mA
IDD
Dynamic Supply Current
Unloaded output
18 MHz
5
mA
24 MHz
6
36 MHz
8
CL
Load Capacitance
15
pF
Z0
Output Impedance
24
W


Similar Part No. - P3P8203A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P8220A ONSEMI-P3P8220A Datasheet
123Kb / 7P
   General Purpose Peak EMI Reduction IC
April, 2011 ??Rev. 0
P3P8220AG-08CR ONSEMI-P3P8220AG-08CR Datasheet
123Kb / 7P
   General Purpose Peak EMI Reduction IC
April, 2011 ??Rev. 0
P3P8220AH ONSEMI-P3P8220AH Datasheet
123Kb / 7P
   General Purpose Peak EMI Reduction IC
April, 2011 ??Rev. 0
More results

Similar Description - P3P8203A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3I2005A ONSEMI-P3I2005A Datasheet
117Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com