Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS1545EMFST3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVTS1545EMFST3G
Description  Exceptionally Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS1545EMFST3G Datasheet(HTML) 4 Page - ON Semiconductor

  NRVTS1545EMFST3G Datasheet HTML 1Page - ON Semiconductor NRVTS1545EMFST3G Datasheet HTML 2Page - ON Semiconductor NRVTS1545EMFST3G Datasheet HTML 3Page - ON Semiconductor NRVTS1545EMFST3G Datasheet HTML 4Page - ON Semiconductor NRVTS1545EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTS1545EMFS, NRVTS1545EMFS
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
14
10
8
2
0
0
2
6
10
14
18
22
TJ = 175°C
Square Wave
dc
IPK/IAV = 5
IPK/IAV
= 20
IPK/IAV = 10
46
12
4
8
12
16
20
0.1
0.00001
PULSE TIME (s)
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
1
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
Figure 8. Typical Thermal Characteristics
1
Figure 9. Typical Transient Thermal Response Characteristics, Junction−to−Case
Assumes 25
°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB
Assumes 25
°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB


Similar Part No. - NRVTS1545EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS1545MFS ONSEMI-NRVTS1545MFS Datasheet
67Kb / 5P
   Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS1545MFST1G ONSEMI-NRVTS1545MFST1G Datasheet
67Kb / 5P
   Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS1545MFST3G ONSEMI-NRVTS1545MFST3G Datasheet
67Kb / 5P
   Schottky Rectifier
July, 2014 ??Rev. 0
More results

Similar Description - NRVTS1545EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NTS1045EMFS ONSEMI-NTS1045EMFS Datasheet
71Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS560ETFS ONSEMI-NRVTS560ETFS_V01 Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
NRVTS1260EMFS ONSEMI-NRVTS1260EMFS Datasheet
72Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
May, 2015 ??Rev. 1
NTS1260MFS ONSEMI-NTS1260MFS Datasheet
72Kb / 5P
   Exceptionally Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 0
NTS860MFS ONSEMI-NTS860MFS Datasheet
72Kb / 5P
   Exceptionally Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 0
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com