Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS560EMFST1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTS560EMFST1G
Description  Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS560EMFST1G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTS560EMFST1G Datasheet HTML 1Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 2Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 3Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 4Page - ON Semiconductor NRVTS560EMFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NRVTS560EMFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.7
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.8
0.6
0.5
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
40
30
25
20
15
10
5
1.E−06
45
35
30
20
10
5
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
100
1000
0.9
35
45
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
15
25
1.E−05
1.E−04
1.E−03
1.E−02
1.E+00
10
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−01
Figure 6. Current Derating per Device
TC, CASE TEMPERATURE (°C)
80
60
140
120
20
0
0
3
6
9
12
40
100
Square Wave
DC
RqJC = 2.4°C/W
TJ = 25°C
0.6
0.8
0.4
0.7
40
TA = 175°C
1.0
55
50
60
1.E−07
60
50
55
1.E−06
1
2
5
1
4
8
11
7
10
TA = 150°C
TA = 175°C
TA = 175°C
TA = 175°C
160 175


Similar Part No. - NRVTS560EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NRVTS560ETFS ONSEMI-NRVTS560ETFS Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
NRVTS560ETFSTAG ONSEMI-NRVTS560ETFSTAG Datasheet
63Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
September, 2016 ??Rev. 0
NRVTS560ETFSTAG ONSEMI-NRVTS560ETFSTAG Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
NRVTS560ETFSTWG ONSEMI-NRVTS560ETFSTWG Datasheet
182Kb / 6P
   Trench-based Schottky Rectifier, Exceptionally Low Leakage
April, 2020 - Rev. 2
More results

Similar Description - NRVTS560EMFST1G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com