Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA3315W Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOA3315W
Description  Digital Proximity Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA3315W Datasheet(HTML) 5 Page - ON Semiconductor

  NOA3315W Datasheet HTML 1Page - ON Semiconductor NOA3315W Datasheet HTML 2Page - ON Semiconductor NOA3315W Datasheet HTML 3Page - ON Semiconductor NOA3315W Datasheet HTML 4Page - ON Semiconductor NOA3315W Datasheet HTML 5Page - ON Semiconductor NOA3315W Datasheet HTML 6Page - ON Semiconductor NOA3315W Datasheet HTML 7Page - ON Semiconductor NOA3315W Datasheet HTML 8Page - ON Semiconductor NOA3315W Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NOA3315W
www.onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS (Unless otherwise specified, these specifications apply over 2.3 V < VDD < 3.6 V,
1.7 V < VDD_I2C < 1.9 V, −40
°C < TA < 80°C, 10 pF < Cb < 100 pF) (See Note 4)
Parameter
Unit
Max
Typ
Min
Symbol
Capacitive load for each bus line (including all parasitic
capacitance) (Note 6)
Cb
10
100
pF
Noise margin at the low level (for each connected device −
including hysteresis)
VnL
0.1 VDD
V
Noise margin at the high level (for each connected device −
including hysteresis)
VnH
0.2 VDD
V
4. Refer to Figure 2 and Figure 3 for more information on AC characteristics.
5. The rise time and fall time are dependent on both the bus capacitance (Cb) and the bus pull−up resistor Rp. Max and min pull−up resistor
values are determined as follows: Rp(max) = tr (max)/(0.8473 x Cb) and Rp(min) = (Vdd_I2C – Vol(max))/Iol.
6. Cb = capacitance of one bus line, maximum value of which including all parasitic capacitances should be less than 100 pF. Bus capacitance
up to 400 pF is supported, but at relaxed timing.
Table 5. OPTICAL CHARACTERISTICS (Unless otherwise specified, these specifications are for VDD = 3.0 V, TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
AMBIENT LIGHT SENSOR 1
Spectral response, peak (Note 7)
lp
560
nm
Spectral response, low −3 dB
lc_low
510
nm
Spectral response, high −3 dB
lc_high
610
nm
Dynamic range
DRALS
0.02
52k
lux
Maximum Illumination (ALS operational but saturated)
Ev_MAX
120k
lux
Resolution, Counts per lux, Tint = 400 ms, Range = 0 (100 counts/lux)
CR400
800
counts
Resolution, Counts per lux, Tint = 100 ms, Range = 0 (100 counts/lux)
CR100
200
counts
Resolution, Counts per lux, Tint = 50 ms, Range = 0 (100 counts/lux)
CR50
100
counts
Illuminance responsivity, green 560 nm LED, Ev = 10 lux,
Tint = 50 ms, Range = 0 (100 counts/lux)
Rv_g10
1000
counts
Illuminance responsivity, green 560 nm LED, Ev = 100 lux,
Tint = 50 ms, Range = 0 (100 counts/lux)
Rv_g100
10000
counts
Dark current, Ev = 0 lux, Tint = 100 ms
Rvd
0
0
3
counts
PROXIMITY SENSOR (Note 8)
Detection range, Tint = 4800
ms, ILED = 160 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), LED Modu-
lation Frequency = 308 kHz, Sample Delay = 250 ns, SNR = 7:1
DPS_4800_WHITE_
MOD
200
mm
Detection range, Tint = 4800
ms, ILED = 160 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_4800_WHITE_
160
148
mm
Detection range, Tint = 4800
ms, ILED = 25 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_4800_WHITE_
25
66
mm
Detection range, Tint = 2400
ms, ILED = 50 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_2400_WHITE_
25
80
mm
Detection range, Tint = 1800
ms, ILED = 75 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_1800_WHITE_
75
88
mm
Detection range, Tint = 1200
ms, ILED = 100 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_1200_WHITE_
100
90
mm
Detection range, Tint = 600
ms, ILED = 125 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_600_WHITE_
125
88
mm
Detection range, Tint = 600
ms, ILED = 100 mA, 860 nm IR LED (OS-
RAM SFH4650), White Reflector (RGB = 220, 224, 223), SNR = 8:1
DPS_600_WHITE_
100
76
mm
7. Refer to Figure 4 for more information on spectral response.
8. Measurements performed with default modulation frequency and sample delay unless noted.


Similar Part No. - NOA3315W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA3315 ONSEMI-NOA3315 Datasheet
287Kb / 26P
   Digital Proximity Sensor
December, 2016 ??Rev. 0
NOA3315CUTAG ONSEMI-NOA3315CUTAG Datasheet
287Kb / 26P
   Digital Proximity Sensor
December, 2016 ??Rev. 0
More results

Similar Description - NOA3315W

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9190 AVAGO-APDS-9190 Datasheet
1Mb / 24P
   Digital Proximity Sensor
APDS-9130 AVAGO-APDS-9130 Datasheet
1Mb / 31P
   Digital Proximity Sensor
logo
ON Semiconductor
NOA2301 ONSEMI-NOA2301 Datasheet
172Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 1
NOA2301W ONSEMI-NOA2301W Datasheet
198Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301 ONSEMI-NOA2301_17 Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
NOA3302 ONSEMI-NOA3302 Datasheet
323Kb / 23P
   Digital Proximity Sensor
March, 2013 ??Rev. 1
NOA3315 ONSEMI-NOA3315 Datasheet
287Kb / 26P
   Digital Proximity Sensor
December, 2016 ??Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com