Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA2301CUTAG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NOA2301CUTAG
Description  Digital Proximity Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA2301CUTAG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NOA2301CUTAG Datasheet HTML 4Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 5Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 6Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 7Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 8Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 9Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 10Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 11Page - ON Semiconductor NOA2301CUTAG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NOA2301
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 10. Supply Current vs. Supply Voltage
TINT = 300
ms, TR = 100 ms
Figure 11. Supply Current vs. Supply Voltage
TINT = 1200
ms, TR = 50 ms
VDD (V)
VDD (V)
4.0
3.5
3.0
2.5
2.0
0
5
10
15
20
25
3.8
2.6
2.4
2.2
2.0
0
20
40
80
100
120
160
180
3.2
3.0
2.8
3.6
3.4
60
140


Similar Part No. - NOA2301CUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA2301CUTAG ONSEMI-NOA2301CUTAG Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
More results

Similar Description - NOA2301CUTAG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9190 AVAGO-APDS-9190 Datasheet
1Mb / 24P
   Digital Proximity Sensor
APDS-9130 AVAGO-APDS-9130 Datasheet
1Mb / 31P
   Digital Proximity Sensor
logo
ON Semiconductor
NOA3315W ONSEMI-NOA3315W Datasheet
330Kb / 26P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301W ONSEMI-NOA2301W Datasheet
198Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301 ONSEMI-NOA2301_17 Datasheet
171Kb / 19P
   Digital Proximity Sensor
January, 2017 ??Rev. 2
NOA3302 ONSEMI-NOA3302 Datasheet
323Kb / 23P
   Digital Proximity Sensor
March, 2013 ??Rev. 1
NOA3315 ONSEMI-NOA3315 Datasheet
287Kb / 26P
   Digital Proximity Sensor
December, 2016 ??Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com