Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS5223C Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS5223C
Description  Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223C Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS5223C Datasheet HTML 2Page - ON Semiconductor NLAS5223C Datasheet HTML 3Page - ON Semiconductor NLAS5223C Datasheet HTML 4Page - ON Semiconductor NLAS5223C Datasheet HTML 5Page - ON Semiconductor NLAS5223C Datasheet HTML 6Page - ON Semiconductor NLAS5223C Datasheet HTML 7Page - ON Semiconductor NLAS5223C Datasheet HTML 8Page - ON Semiconductor NLAS5223C Datasheet HTML 9Page - ON Semiconductor NLAS5223C Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NLAS5223C, NLAS5223CL
www.onsemi.com
6
Figure 2. tBBM (Time Break−Before−Make)
Output
DUT
50
W
35 pF
VIS
Switch Select Pin
90%
Output
Input
VCC
GND
90% of VOH
GND
Figure 3. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 4. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
50
W
0.1
mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VIS
Input
Output
50
W
35 pF
VOUT
0.1
mF


Similar Part No. - NLAS5223C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223 ONSEMI-NLAS5223 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
NLAS52231 ONSEMI-NLAS52231 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
More results

Similar Description - NLAS5223C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com