Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7519 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7519
Description  MOSFET Pre-driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7519 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7519 Datasheet HTML 1Page - ON Semiconductor NCV7519 Datasheet HTML 2Page - ON Semiconductor NCV7519 Datasheet HTML 3Page - ON Semiconductor NCV7519 Datasheet HTML 4Page - ON Semiconductor NCV7519 Datasheet HTML 5Page - ON Semiconductor NCV7519 Datasheet HTML 6Page - ON Semiconductor NCV7519 Datasheet HTML 7Page - ON Semiconductor NCV7519 Datasheet HTML 8Page - ON Semiconductor NCV7519 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 2
1
Publication Order Number:
NCV7519/D
NCV7519, NCV7519A
FLEXMOS] Hex Low-side
MOSFET Pre-driver
The NCV7519/A programmable six channel low−side MOSFET
pre−driver is one of a family of FLEXMOS automotive grade products
for driving logic−level MOSFETs. The product is controllable by a
combination of serial SPI and parallel inputs. The device offers 3.3 V/
5 V compatible inputs and the serial output driver can be powered
from either 3.3 V or 5 V. An internal power−on reset provides
controlled power up. A reset input allows external re−initialization and
an enable input allows all outputs and diagnostics to be simultaneously
disabled.
Each channel independently monitors its external MOSFET’s drain
voltage for fault conditions. Shorted load fault detection thresholds are
fully programmable using an externally programmed reference
voltage and a combination of discrete internal ratio values. The ratio
values are SPI selectable and allow different detection thresholds for
each channel.
Fault recovery operation for each channel is programmable and may
be selected for latch−off or automatic retry. Status information for
each channel is 3−bit encoded by fault type and is available through
SPI communication.
The FLEXMOS family of products offers application scalability
through choice of external MOSFETs.
Features
16−bit SPI with Parity and Frame Error Detection
3.3 V/5 V Compatible Parallel and Serial Control Inputs
3.3 V/5 V Compatible Serial Output Driver
Reset and Enable Inputs
Open−drain Fault Flag
Priority Encoded Diagnostics with Latched Unique Fault Type Data
Shorted Load, Short to GND
Open Load
On and Off State Pulsed Mode Diagnostics
Ratiometric Diagnostic References and Currents
Programmable
Shorted Load Fault Detection Thresholds
Fault Recovery Mode
Blanking Timers
Wettable Flanks Pb−Free Packaging
Commercial Vehicle Capable
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This is a Pb−Free Device
Benefits
Scalable to Load by Choice of External MOSFET
QFN32
MW SUFFIX
CASE 488AM
MARKING DIAGRAM
x
= blank or A
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
NCV7519x
AWLYYWW
G
G
1
www.onsemi.com
See detailed ordering, marking and shipping information on
page 36 of this data sheet.
ORDERING INFORMATION
QFN32
MW SUFFIX
CASE 485CZ


Similar Part No. - NCV7519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7510 ONSEMI-NCV7510 Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7510DW ONSEMI-NCV7510DW Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7510DWR2 ONSEMI-NCV7510DWR2 Datasheet
160Kb / 22P
   FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
January, 2005 ??Rev. 0
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7512FTG ONSEMI-NCV7512FTG Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
More results

Similar Description - NCV7519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7517B ONSEMI-NCV7517B Datasheet
265Kb / 23P
   MOSFET Pre-Driver
July, 2009 ??Rev. 0
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
NCV7513B ONSEMI-NCV7513B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7517B ONSEMI-NCV7517B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
264Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
July, 2010 ??Rev. 0
NCV7517 ONSEMI-NCV7517 Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
LV8726TA ONSEMI-LV8726TA Datasheet
1Mb / 40P
   Stepper Motor Pre-Driver
October 2015- Rev. 0
logo
Winbond
W83391TS WINBOND-W83391TS Datasheet
332Kb / 9P
   DC Fan Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com