Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5424ADR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5424ADR2
Description  Dual Synchronous Buck Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5424ADR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5424ADR2 Datasheet HTML 6Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 7Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 8Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 9Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 10Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 11Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 12Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 13Page - ON Semiconductor NCP5424ADR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP5424A
http://onsemi.com
10
Out−of−Phase Synchronization
In out−of−phase synchronization, the turn−on of the
second channel is delayed by half the switching cycle. This
delay is supervised by the oscillator, which supplies a clock
signal to the second channel which is 180
° out of phase with
the clock signal of the first channel.
The advantages of out−of−phase synchronization are
many. Since the input current pulses are interleaved with one
another, the overlap time is reduced. The effect of this
overlap reduction is to reduce the input filter requirement,
allowing the use of smaller components. In addition, since
peak current occurs during a shorter time period, emitted
EMI
is
also
reduced,
thereby
reducing
shielding
requirements.
Overvoltage Protection
Overvoltage Protection (OVP) is provided as a result of
the normal operation of the V2 control method and requires
no additional external components. The control loop
responds to an overvoltage condition within 150 ns, turning
off the upper MOSFET and disconnecting the regulator
from its input voltage. This results in a crowbar action to
clamp the output voltage preventing damage to the load. The
regulator remains in this state until the overvoltage
condition ceases.
Input Current Sharing
In contemporary high−end applications, part of a system
may require more power than is available from one supply.
The
NCP5424A
dual
controller
can
address
this
requirement in two ways.
In many cases, it is sufficient to be able to set the input
power sharing as a ratio so that one source always supplies
a certain percentage of the total. This is achieved by having
the Error Amplifier inputs from Slave side, Controller Two,
brought to external pins so its’ reference is available.
Current information from the Master, Controller One,
provides a reference for the Slave. Current information from
the Slave is fed back to the error amplifier’s inverting input.
The Slave will try to adjust its current to match the current
information fed to its reference input from the Master. If this
information is
1/2 the voltage developed across the Master’s
output inductor, the Slave will run at half current and supply
a percentage, nominally 33% in this case, of the total current.
In other applications however, the user may not only wish
to draw a percentage of power from one source, but also may
need to limit the power drawn from that source. The Slave
has a Cycle−By−Cycle current limit. In this case, the Slave
can be programmed to budget the maximum input power.
For example, a designer may wish to draw equal amounts of
power from two 5−volt sources, but only 2 amps are
available from one of the supplies. In this case, the dual
controller will draw equally from the two sources up to a
total of 4 amps. At this point, the Slave controller goes into
current limit and draws no more than its preset budget. The
Master continues to supply the remaining output current up
to the maximum that the application requires.
Current limiting
The NCP5424A has two current limit amplifiers with
internal 70 mV offsets. These differential amplifiers have a
common mode range from zero to 5.5 volts, and low input
bias currents. Both amplifiers share a common negative
input, which restricts dual current limiting to single output
mode applications. In dual output mode applications,
independent current limits are not supported. The preferred
method of current sensing is inductor sensing (see following
section). However, alternate means of current sensing, such
as Rds(on), or sense resistors, are also supported. Once a
voltage greater that 70 mV is applied to the current limiting
amplifier; it will produce an output that resets the output RS
flip flop. This event terminates the PWM pulse for that
cycle, limiting the energy delivered to the load on a
cycle−by−cycle basis. An advantage of this current limiting
scheme is that the chip will resume normal operation within
one cycle after the overcurrent condition clears.
A second benefit of PWM pulse width limiting occurs in
input power sharing applications, where one channel of the
controller can be current limited while the other channel
supplies the remaining current in excess of that level. It is
important to realize that in current limit the feedback path to
the error amplifier is effectively opened. The error amplifier
output will start to drift high in response to the condition of
output voltage low with respect to its reference. When the
part comes out of current limit, the error amplifier output
voltage will be at the wrong quiescent voltage, and will
immediately start to recover. If the response of the output
filter is faster than the response of the error amplifier, an
undesirable positive overshoot can occur in the output. This
phenomenon is not unique to the NCP5424A, but is more
pronounced because the response of the error amplifier with
a large compensation capacitor is intentionally slow. This
effect can be mitigated by the addition of a voltage divider
and diode clamp connected to limit Comp pin voltage
excursions.
The nominal voltage at the Comp pin is the sum of the
reference voltage, the 0.45 Volt offset, and the ramp voltage.
Clamping the Comp voltage 0.2 volts above the sum of these
voltages keeps the recovery of the Error amplifier response
fast enough to eliminate output overshoot. An additional 8K
resistor connected between the channel 1 and channel 2
Comp pins will prevent overshoot of the Channel one output
during recovery from a Channel 1 overload.
Output Enable
On/Off control of the regulator outputs can be
implemented by pulling the COMP pins low. The COMP
pins must be driven below the 0.40 V PWM comparator
offset voltage in order to disable the switching of the GATE
drivers.


Similar Part No. - NCP5424ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424D ONSEMI-NCP5424D Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424D ONSEMI-NCP5424D Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424DG ONSEMI-NCP5424DG Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
More results

Similar Description - NCP5424ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com