Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1852AFCCT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1852AFCCT1G
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1852AFCCT1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1852AFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 9Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 10Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 11Page - ON Semiconductor NCP1852AFCCT1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
NCP1852, NCP1852A
http://onsemi.com
8
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for VIN between 3.6 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
TIMING
TCHG1
Charge timer
Safe−charge or pre−charge or weak−safe or
weak−charge state.
3
h
TCHG2
Full−charge state
2
h
TWU
Wake−up timer
64
s
TST
Charger state timer
Minimum
transition time
from states to
states.
From Weak Charge to Full
Charge State
32
s
All others state
16
ms
TVRCHR
Deglitch time for end of charge
voltage detection
VBAT rising
15
ms
VBAT falling
127
ms
TINDET
Deglitch time for input voltage
detection
VIN rising
15
ms
TDGS1
Deglitch time for signal
crossing IEOC, VPRE, VSAFE,
VCHGDET, VINEXT thresholds.
Rising and falling edge
15
ms
TDGS2
Deglitch time for signal
crossing VFET, VBUSUV,
VBUSOV thresholds.
Rising and falling edge
1
ms
BOOST CONVERTER AND OTG MODE
VIBSTL
Boost minimum input
operating range
Boost start−up
3.1
3.2
3.3
V
Boost running
2.9
3
3.1
V
VIBSTH
Boost maximum input
operating range
4.4
4.5
4.6
V
VOBST
Boost Output Voltage
DC value measured on CAP pin, no load
5.00
5.1
5.15
V
VOBSTAC
Boost Output Voltage accuracy
Measured on CAP pin Including line and load
regulation
−3
3
%
IBSTMX
Output current capability
500
mA
FSWBST
Switching Frequency
1.5
MHz
Switching Frequency Accuracy
−10
10
%
IBPKM
Maximum peak inductor current
2
A
VOBSTOL
Boost overload
Boost running, voltage on IN pin
4.3
4.4
4.5
V
TOBSTOL
Maximum capacitance on IN pin during start−up
10
mF
ROBSTOL
Minimum load
resistance on IN
pin during
start−up
NCP1852
170
W
NCP1852A
50
VOBSTOV
Overvoltage protection
VIN rising
5.55
5.65
5.75
V
Hysteresis
25
75
125
mV


Similar Part No. - NCP1852AFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1850FCCT1G ONSEMI-NCP1850FCCT1G Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851A ONSEMI-NCP1851A Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851AFCCT1G ONSEMI-NCP1851AFCCT1G Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
More results

Similar Description - NCP1852AFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com