Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1852FCCT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1852FCCT1G
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1852FCCT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1852FCCT1G Datasheet HTML 3Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 9Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 10Page - ON Semiconductor NCP1852FCCT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
NCP1852, NCP1852A
http://onsemi.com
7
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for VIN between 3.6 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
JUNCTION THERMAL MANAGEMENT
TH1
Hot temp threshold 1
Relative to TSD
−11
°C
TWARN
Thermal warning
Relative to TSD
−15
°C
BATTERY THERMAL MANAGEMENT
VNTCRMV
Battery removed threshold
voltage
VNTC Rising
2.3
2.325
2.35
V
VCOLD
Battery cold temperature
corresponding voltage
threshold
Voltage range
1.425
1.95
V
Default
1.7
1.725
1.75
V
VHOT
Battery hot temperature
corresponding voltage
threshold
Voltage range
375
900
mV
Default
500
525
550
mV
VCOLD and VHOT voltage
granularity
75
mV
VWARM
Battery warm temperature
corresponding voltage
threshold
BATWARM = 0
VHOT+
0.15
V
BATWARM = 1
VHOT+
0.225
V
VCHILLY
Battery chilly temperature
corresponding voltage
threshold
BATCHILLY = 0
VCOLD
0.15
V
BATCHILLY = 1
VCOLD
0.225
V
VNTCDIS
NTC disable corresponding
voltage threshold
VNTC Falling
50
75
100
mV
VREG
Internal voltage reference
2.35
2.4
2.45
V
RNTCPU
Internal resistor pull up
9.8
10
10.2
kW
BUCK CONVERTER
FSWCHG
Switching Frequency
3
MHz
Switching Frequency Accuracy
−10
+10
%
TDTYC
Max Duty Cycle
Average
99.5
%
IPKMAX
Maximum peak inductor current
2
A
RONLS
Low side Buck MOSFET
RDSON (Q3)
Measured between PGND and SW, VIN = 5 V
80
200
mW
RONHS
High side Buck MOSFET
RDSON(Q2)
Measured between CAP and SW, VIN = 5 V
130
250
mW
PROTECTED TRANSCEIVER SUPPLY
VTRANS
Voltage on TRANS pin
VIN ≥ 5 V
5
5.5
V
ITRMAX
TRANS current capability
50
mA
ITROCP
Short circuit protection
150
mA
TIMING
TWD
Watchdog timer
32
s
TUSB
USB timer
2048
s


Similar Part No. - NCP1852FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1850FCCT1G ONSEMI-NCP1850FCCT1G Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851A ONSEMI-NCP1851A Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851AFCCT1G ONSEMI-NCP1851AFCCT1G Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
More results

Similar Description - NCP1852FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com