Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5010CL3S Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5010CL3S
Description  Crystal Oscillator Module ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010CL3S Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5010CL3S Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010CL3S Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5010 series are crystal oscillator module ICs, that incorporate oscillator and output buffer circuits.
High-frequency capacitors and feedback resistors are built-in, eliminating the need for external components to
make a stable fundamental-harmonic oscillator.
FEATURES
I
Inverter amplifier feedback resistor built-in
I
Capacitors CG, CD built-in
I
Standby function
I
Power-save pull-up resistor built-in (5010CL
×)
I
16 mA (VDD = 4.5 V) drive capability
(5010AN
×, AK×, BN×, BK×, CL×, DN×)
I
4 mA (VDD = 4.5 V) drive capability
(5010AH
×, BH×)
I
Output three-state function
I
2.7 to 5.5 V supply voltage
I
Oscillator frequency output (fO, fO/2, fO/4, fO/8
determined by internal connection)
I
8-pin SOP (SM5010
×××S)
I
Chip form (CF5010
×××)
SERIES CONFIGURATION
Note: Recommended operating frequency is not the guaranteed value but is measured using NPC’s standard crystal.
V ersion1
1. Chip form d evices have designation CF5010
×××.
Output
frequency
3V operating
5V operating
R D
[
Ω]
Built-in
capacitance
Input
level
(5V)
Output
duty level
Standby
function
Output
load
(max)
[pF]
Recommended
operating
frequency
rang e [MHz]
Output
load
(max)
[pF]
Recommended
operating
frequency
rang e [MHz]
Output
current
[mA]
C G
[pF]
C D
[pF]
SM5010AN1S
fO
15
30
50
30
16
TBD
T T L
CMOS
N o
SM5010AN2S
fO /2
1 5
3 0
5 0
3 0
1 6
T T L
CMOS/TTL
No
SM5010AN3S
fO /4
1 5
3 0
5 0
3 0
1 6
T T L
CMOS/TTL
No
SM5010AN4S
fO /8
1 5
3 0
5 0
3 0
1 6
T T L
CMOS/TTL
No
SM5010AK1S
fO
15
30
16
T T L
T T L
N o
SM5010AH1S
fO
1 5
1 6
1 5
3 0
4
T T L
CMOS
N o
SM5010AH2S
fO /2
1 5
1 6
1 5
3 0
4
T T L
CMOS
N o
SM5010AH3S
fO /4
1 5
1 6
1 5
3 0
4
T T L
CMOS
N o
SM5010AH4S
fO /8
1 5
1 6
1 5
3 0
4
T T L
CMOS
N o
SM5010BN1S
fO
1 5
3 0
5 0
3 0
1 6
8 2 0
T T L
CMOS
N o
SM5010BN2S
fO /2
1 5
3 0
5 0
3 0
1 6
8 2 0
T T L
CMOS/TTL
No
SM5010BN3S
fO /4
1 5
3 0
5 0
3 0
1 6
8 2 0
T T L
CMOS/TTL
No
SM5010BN4S
fO /8
1 5
3 0
5 0
3 0
1 6
8 2 0
T T L
CMOS/TTL
No
SM5010BK1S
fO
15
30
16
820
T T L
T T L
N o
SM5010BH1S
fO
1 5
1 6
1 5
3 0
4
8 2 0
T T L
CMOS
N o
SM5010BH2S
fO /2
1 5
1 6
1 5
3 0
4
8 2 0
T T L
CMOS
N o
SM5010BH3S
fO /4
1 5
1 6
1 5
3 0
4
8 2 0
T T L
CMOS
N o
SM5010BH4S
fO /8
1 5
1 6
1 5
3 0
4
8 2 0
T T L
CMOS
N o
SM5010CL1S
fO
1 5
3 0
5 0
3 0
1 6
CMOS
CMOS
Yes
SM5010CL2S
fO /2
1 5
3 0
5 0
3 0
1 6
CMOS
CMOS
Yes
SM5010CL3S
fO /4
1 5
3 0
5 0
3 0
1 6
CMOS
CMOS
Yes
SM5010CL4S
fO /8
1 5
3 0
5 0
3 0
1 6
CMOS
CMOS
Yes
SM5010DN1S
fO
1 5
3 0
5 0
3 0
1 6
8 2 0
T T L
CMOS
N o


Similar Part No. - SM5010CL3S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5010CL3S NPC-SM5010CL3S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5010CL3S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com