Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M37280MF Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M37280MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER    
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37280MF Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37280MF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37280MF Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 178 page
background image
6
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37280MF–XXXSP, M37280MK–XXXSP
M37280EKSP
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
Rev. 1.0
Power source voltage
Power
dissipation
Number of display characters
Character display area
Kinds of characters
Kinds of character sizes
Kinds of character colors
Display position (horizontal,
vertical)
Functions
Table 10.2 Performance Overview
OSD function
32 characters ! 16 lines
CC mode: 16 ! 26 dots (dot structure: 16 ! 20 dots)
OSD mode: 16 ! 20 dots
EXOSD mode: 16 ! 26 dots
SPRITE display: 16 ! 20 dots
CC/OSD mode: 510 kinds
CDOSD mode: 62 kinds
SPRITE display: 1 kind
CC mode: 2 kinds
OSD/CDOSD mode: 14 kinds
SPRITE display: 8 kinds
CC/CDOSD mode: 8 kinds (R, G, B, OUT1, OUT2))
OSD mode: 15 kinds (R, G, B, OUT1, OUT2)
SPRITE display: 8 kinds (R, G, B, OUT1)
256 levels (horizontal) ! 1024 levels (vertical)
SPRITE display: 2048 ! 1024
5V ± 10%
275 mW typ. ( at oscillation frequency f(XIN) = 8 MHz, fOSC = 27 MHz)
165 mW typ. ( at oscillation frequency f(XIN) = 8 MHz, fOSC = 27 MHz )
82.5 mW typ. ( at oscillation frequency f(XIN) = 8 MHz)
0.33 mW typ. ( at oscillation frequency f(XCIN) = 32 kHz, f(XIN) = stop)
0.055 mW ( maximum )
–10 °C to 70 °C
CMOS silicon gate process
64-pin shrink plastic molded DIP
Data slicer
ON
Data slicer
OFF
Data slicer OFF
Data slicer
OFF
OSD ON
(Analog output)
OSD ON
(Digital output)
OSD OFF
OSD OFF
Parameter
In high-speed
mode
In low-speed
mode
In stop mode
Operating temperature range
Device structure
Package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M37274MA SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER     1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37272M6H SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER     1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37273M8 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER     1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37274EFSP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER     1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37267 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37273MFH SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Renesas Technology Corp
M37270MF SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER   1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37266ME-XXXSP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37271MF SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER   1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37272M6 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER    1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn