Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1602 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1602
Description  Enhanced, High-Efficiency Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1602 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1602 Datasheet HTML 1Page - ON Semiconductor NCP1602 Datasheet HTML 2Page - ON Semiconductor NCP1602 Datasheet HTML 3Page - ON Semiconductor NCP1602 Datasheet HTML 4Page - ON Semiconductor NCP1602 Datasheet HTML 5Page - ON Semiconductor NCP1602 Datasheet HTML 6Page - ON Semiconductor NCP1602 Datasheet HTML 7Page - ON Semiconductor NCP1602 Datasheet HTML 8Page - ON Semiconductor NCP1602 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NCP1602
www.onsemi.com
3
EMI
Filter
AC line
LOAD
L1
D1
Q1
Vin
Vbulk
IL
Rsense
Cbulk
Cz
Rz
Cp
Rcs1
Rcs2
Cin
Rfb2
Rfb1
1
2
34
5
6
FB
VCTRL
CS / ZCD
GND
DRV
VCC
Rcszcd
Figure 1. NCP1602 Application Schematic
Table 4. DETAILED PIN DESCRIPTION
Pin Number
Name
Function
1
VCTRL
The error amplifier output is available on this pin. The network connected between this pin
and ground adjusts the regulation loop bandwidth that is typically set below 20 Hz to achieve
high Power Factor ratios.
VCTRL pin is internally pulled down when the circuit is off so that when it starts operation, the
power increases slowly to provide a soft−start function.
VCTRL pin must not be controlled or pulled down externally.
2
GND
Connect this pin to the PFC stage ground.
3
CS / ZCD
This pin monitors the MOSFET current to limit its maximum current.
This pin is the output of a resistor bridge connected between the drain and the source of the
power MOSFET. Internal circuitry takes care of extracting Vin, Vout, Iind and ZCD
4
DRV
The high−current capability of the totem pole gate drive (−0.5/+0.8A) makes it suitable to
effectively drive high gate charge power MOSFETs.
5
VCC
This pin is the positive supply of the IC. The circuit starts to operate when VCC exceeds
17.0 V ([**A] & [**B] Versions) or 10.5 V ([**C] & [**D] Versions) and turns off when VCC
goes below 9.0 V (typical values). After start−up, the operating range is 9.5 V up to 30 V.
6
FB
This pin receives a portion of the PFC output voltage for the regulation and the Dynamic
Response Enhancer (DRE) that drastically speeds−up the loop response when the output
voltage drops below 95.5% of the desired output level.
FB pin voltage VFB is also the input signal for the (non−latching) Over−Voltage (OVP) and
Under−Voltage (UVP) comparators. The UVP comparator prevents operation as long as FB
pin voltage is lower than VUVPH internal voltage reference. A SOFTOVP comparator gradual-
ly reduces the duty−ratio when FB pin voltage exceeds 105% of VREF. If the output voltage
still increases, the driver is immediately disabled if the output voltage exceeds 107% of the
desired level (fast OVP).
A 250−nA sink current is built−in to trigger the UVP protection and disable the part if the feed-
back pin is accidently open.


Similar Part No. - NCP1602

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1602ABASNT1G ONSEMI-NCP1602ABASNT1G Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1602ACCSNT1G ONSEMI-NCP1602ACCSNT1G Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1602AEASNT1G ONSEMI-NCP1602AEASNT1G Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1602AEASNT1G ONSEMI-NCP1602AEASNT1G Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
More results

Similar Description - NCP1602

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com