Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1240BD065R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1240BD065R2G
Description  Fixed Frequency Current Mode Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1240BD065R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1240BD065R2G Datasheet HTML 1Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 2Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 3Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 4Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 5Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 6Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 7Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 8Page - ON Semiconductor NCP1240BD065R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
NCP1240
www.onsemi.com
3
SIMPLIFIED INTERNAL BLOCK SCHEMATIC
Figure 2. Simplified Internal Block Schematic
freq folback
jittering
Skip_CMP
SkipB
4uMho
Ramp_OTA
CSref
Soft Start timer
Reset
Q
Set
Qb
Clamp
FB
CS
DRV
GND
VCC
PWM_CMP
Vfb(reg)
MAX_ton
PWM
V to I
Iopc = 0.5u*(Vhv−125)
Off_mode_CMP1
ICstart
FBbuffer
VCC
UVLO_CMP
LATCH
VccOVP
OTP
OTP_CMP
OVP_CMP
HV
Brown_Out
VccOVP_CMP
Vdd
Set
Q
Reset
Qb
Latch
Brown_Out
RESET
OVP
AC_Off
UVLO
VCC
Vcc_Int
IC stopB
Vhv DC sample
SG & X2 & Vcc
Vdd reg
Vdd
Vcc regulator
PowerOnReset_CMP
control
current source
TSD
RESET
ON_CMP
STOP_CMP
VccON
VccMIN
GoToOffMode timer 500ms
Set
Q
Reset
Qb
Off_mode_CMP2
FM input
OSC 65kHz
PFM input
Square output
Saw output
ton_max output
3.0V
Vdd
Fault timer
TSD
Fault
Ilimit_CMP
LEB 120ns
CSstop_CMP
TSD
Latch
RESET
Ilimit
MAX_ton
Autorecovery timer
Brown_Out
Reset
Q
Set
Qb
IC stop
Transient timer up/down
Fault
Itran_CMP
Itran
4 events timer
Reset
Q
Set
Qb
50 us
Filter
350 us
Filter
10 us
Filter
Dual HV
Start−up
SoftStart_CMP
Enable
SS_end


Similar Part No. - NCP1240BD065R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP12400AAAAA0 ONSEMI-NCP12400AAAAA0 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400AAAAA1 ONSEMI-NCP12400AAAAA1 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400AAAAA2 ONSEMI-NCP12400AAAAA2 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
More results

Similar Description - NCP1240BD065R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com