Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N106KMNR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N106KMNR2G
Description  Differential 1:6 Fanout Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N106KMNR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N106KMNR2G Datasheet HTML 1Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 2Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 3Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 4Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 5Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 6Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 7Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 8Page - ON Semiconductor NB3N106KMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB3N106K
http://onsemi.com
2
Figure 2. Pinout Configuration (Top View)
1
2
3
4
5
6
78
9
10
11
12
18
17
16
15
14
13
24
23
22
21
20
19
IREF
VTCLK
CLK
CLK
VTCLK
GND
VCC
Q2
Q2
Q3
Q3
VCC
NB3N106K
Exposed Pad (EP)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
IREF
Use the IREF pin to set the output drive. Connect a 475 W RREF resistor from the
IREF pin to GND to produce 2.6 mA of IREF current. A current mirror multiplies
IREF by a factor of 5.4x to force 14 mA through a 50 W output load. See Figures 6
and 12.
2, 5
VTCLK,
VTCLK
Internal 50 W Termination Resistor connection Pins. In the differential configuration
when the input termination pins are connected to the common termination voltage,
and if no signal is applied then the device may be susceptible to self−oscillation.
3
CLK
LVPECL,
HCSL, LVDS
Input
Clock (TRUE) Input
4
CLK
LVPECL,
HCSL, LVDS
Input
Clock (INVERT) Input
8, 10, 14, 16, 20,
22
Q[5−0]
HCSL or
LVDS (Note 1)
Output
Output (INVERT) (Note 1)
9, 11, 15, 17, 21,
23
Q[5−0]
HCSL or
LVDS
(Note 1)
Output
Output (TRUE) (Note 1)
6
GND
Supply Ground. GND pin must be externally connected to power supply to
guarantee proper operation.
7, 12, 13, 18, 19,
24
VCC
Positive Voltage Supply pin. VCC pin must be externally connected to a power
supply to guarantee proper operation.
Exposed Pad
EP
GND
Exposed Pad. The thermally exposed pad (EP) on package bottom (see case
drawing) must be attached to a sufficient heat−sinking conduit for proper thermal
operation and electrically connected to the circuit board ground (GND).
1. Outputs can also interface to LVDS receiver when terminated per Figure 11.


Similar Part No. - NB3N106KMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNG ONSEMI-NB3N108KMNG Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNR4G ONSEMI-NB3N108KMNR4G Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results

Similar Description - NB3N106KMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N121K ONSEMI-NB3N121K Datasheet
136Kb / 11P
   Differential 1:21 Fanout Clock
March, 2012 ??Rev. 1
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com