Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N106K Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3N106K
Description  Differential 1:6 Fanout Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N106K Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3N106K Datasheet HTML 2Page - ON Semiconductor NB3N106K Datasheet HTML 3Page - ON Semiconductor NB3N106K Datasheet HTML 4Page - ON Semiconductor NB3N106K Datasheet HTML 5Page - ON Semiconductor NB3N106K Datasheet HTML 6Page - ON Semiconductor NB3N106K Datasheet HTML 7Page - ON Semiconductor NB3N106K Datasheet HTML 8Page - ON Semiconductor NB3N106K Datasheet HTML 9Page - ON Semiconductor NB3N106K Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB3N106K
http://onsemi.com
6
Figure 3. AC Reference Measurement
CLK
CLK
Q
Q
tPLH
tPHL
VINPP = VIH(CLK) − VIL(CLK)
= VIH(CLK) − VIL(CLK)
VOUTPP = VOH(Qx) − VOL(Qx)
= VOH(Qx) − VOL(Qx)
DtPLH
DtPHL
tr
tf
525 mV
175 mV
525 mV
175 mV
DVCROSS
VCROSS
trMAX − trMIN = Dtr
trMIN
tfMAX − tfMIN = Dtf
tfMIN
tfMAX
trMAX
(a) Propagation Delay and
Propagation Delay Variation
(b) tr, tf and Dtr, Dtf
(c) VCROSS and DVCROSS
Qx
Qx
Qx
Qx
Qx
Qx
Figure 4. Single−Ended Interconnect Vth Reference
Voltage
CLK
Vth
CLK
Vth
VCC
VEE
VCMRmin
VCMRmax
VCMR
IN
IN
VIHDmax
VILDmax
VID = VIHD − VILD
VIHDtyp
VILDtyp
VIHDmin
VILDmin
Figure 5. Vth Diagram


Similar Part No. - NB3N106K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNG ONSEMI-NB3N108KMNG Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNR4G ONSEMI-NB3N108KMNR4G Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results

Similar Description - NB3N106K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N121K ONSEMI-NB3N121K Datasheet
136Kb / 11P
   Differential 1:21 Fanout Clock
March, 2012 ??Rev. 1
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com