Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52207AXA-VH Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV52207AXA-VH
Description  Dual channel LED Boost Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52207AXA-VH Datasheet(HTML) 3 Page - ON Semiconductor

  LV52207AXA-VH Datasheet HTML 1Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 2Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 3Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 4Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 5Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 6Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 7Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 8Page - ON Semiconductor LV52207AXA-VH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LV52207AXA
www.onsemi.com
3
Recommended EN PWM Timing at Ta=25°C, VCC=3.6V, unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Dimming mode
selectable time
Tsel
1
2.2
ms
Delay time to start digital
mode detection
Tw0
100
s
Low time to switch to
digital mode
Tw1
260
s
EN pin low time to
shutdown
Toffen
2.5
ms
PWM pin low time to
shutdown
Toffpwm
20
ms
1-wire start time for
digital mode
programming
Tstart
2
s
1-wire end time for digital
mode programming
Tend
2
360
s
1-wire High time of bit 0
Th0
Bit detection=0
2
180
s
1-wire Low time of bit 0
Tl0
Bit detection=0
Th0
 2
360
s
1-wire High time of bit 1
Th1
Bit detection=1
Tl1
 2
360
s
1-wire Low time of bit1
Tl1
Bit detection=1
2
180
s
DCDC startup delay
Tdel
5
ms
Delay time of
Acknowledge
Tackd
2
s
Duration of Acknowledge
Tack
512
s


Similar Part No. - LV52207AXA-VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXA-VH ONSEMI-LV52207NXA-VH Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
LV52207NXB-VH ONSEMI-LV52207NXB-VH Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
More results

Similar Description - LV52207AXA-VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
ON Semiconductor
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com