Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52207AXA Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV52207AXA
Description  Dual channel LED Boost Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52207AXA Datasheet(HTML) 2 Page - ON Semiconductor

  LV52207AXA Datasheet HTML 1Page - ON Semiconductor LV52207AXA Datasheet HTML 2Page - ON Semiconductor LV52207AXA Datasheet HTML 3Page - ON Semiconductor LV52207AXA Datasheet HTML 4Page - ON Semiconductor LV52207AXA Datasheet HTML 5Page - ON Semiconductor LV52207AXA Datasheet HTML 6Page - ON Semiconductor LV52207AXA Datasheet HTML 7Page - ON Semiconductor LV52207AXA Datasheet HTML 8Page - ON Semiconductor LV52207AXA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LV52207AXA
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
l
VCC max
VCC
6
V
Maximum Pin voltage1
V1 max
SW
40
V
Maximum Pin voltage2
V2 max
Other pin
5.5
V
Allowable power
Pd max
Ta=25
C *1
0.95
W
Operating temperature
Topr
40 to +85
C
Storage temperature
Tstg
55 to +125
C
*1 Mounted on a specified board: 70mm×70mm×1.6mm (4 layer glass epoxy)
Caution 1) Absolute maximum ratings represent the values which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high
temperature, high current, high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please
contact us for the further details.
Recommended Operating Conditions at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range1
VCC op
VCC
2.7 to 5.5
V
PWM frequency
Fpwm
PWM pin input signal
300 to 100k
Hz
MIN DUTY (PWM pin)
Dminpwm
PWM pin input signal
0.9%
Electrical Characteristics Analog block
at Ta=25°C, VCC=3.6V, RT resistor=63.4K
 unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby current
dissipation
Icc1
EN=PWM=L
0
2
A
DC/DC current
dissipation1
Icc2
Device enable, switching 0.6 MHz
and no load
0.7
1.2
mA
FB Voltage
Vfb
LEDO1, 2=20mA
0.2
V
Output Current1
Io1
LEDO1 LEDO2
LEDISET=20mA
Duty=100%
19.6
20
20.4
mA
Output Current
Matching1
Iom1
LEDO1 LEDO2 LEDISET=20mA
Duty=100%
(IMAX – IAVG) / IAVG
0.3
2
%
LEDO1, 2 max current
Imax
LEDO1 LEDO2
40
mA
LEDO1, 2 leak current
Ilk
LEDO1 LEDO2
1
A
OVP Voltage
Vovp
SW_pin over voltage threshold
36
37.5
39
V
LEDO_OVP Voltage
VLovp
LEDO_pin over voltage threshold
LEDO DC rising
4.2
4.5
5.0
V
SWOUT ON resistance
Ron
IL=100mA
300
m
NMOS Switch Current
Limit
ILIM
1
1.5
A
OSC Frequency
Fosc
500
600
750
kHz
High level input voltage
VINH
EN PWM
1.2
VCC
V
Low level input voltage
VINL
EN PWM
0
0.4
V
Under Voltage Lockout
Vuvlo
VIN falling
2.2
V
EN pin output voltage
for Acknowledge
Vack
Rpullup=15k
0.4
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LV52207AXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXA-VH ONSEMI-LV52207NXA-VH Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
LV52207NXB-VH ONSEMI-LV52207NXB-VH Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
More results

Similar Description - LV52207AXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
ON Semiconductor
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com