Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8013T Datasheet(PDF) 5 Page - ON Semiconductor

Part # LV8013T
Description  Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8013T Datasheet(HTML) 5 Page - ON Semiconductor

  LV8013T Datasheet HTML 1Page - ON Semiconductor LV8013T Datasheet HTML 2Page - ON Semiconductor LV8013T Datasheet HTML 3Page - ON Semiconductor LV8013T Datasheet HTML 4Page - ON Semiconductor LV8013T Datasheet HTML 5Page - ON Semiconductor LV8013T Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LV8013T
No.A0907-5/6
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
10
EN
Logic enable pin.
(Built-in pull-up resistor)
VCC
200k
Ω
14
15
21
22
18
19
OUT1
OUT1
OUT2
OUT2
PGND
PGND
Driver output pin.
OUT1
OUT2
VM
PGND
12
TOUT
Voltage raising output pin.
VG2
13
23
VM
VM
Motor power supply.
(both terminals to be connected)
7
VCC
Logic power supply.
4
VG1
Voltage raising circuit 1.
VCC × 2
Clamped to 5.4V
VG1
C1H
C1L
0.01
μF
0.1
μF
24
2
3
VG2
C2H
C2L
· Voltage raising circuit 2.
VM + VG1
· Voltage raising capacitor connection pin.
VG2 is discharged in abnormal.
VG2
C2H
C2L
0.01
μF
0.1
μF
VM
1
SGND
Logic GND
18
19
PGND
PGND
Driver GND
(both terminals to be connected)


Similar Part No. - LV8013T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8013T SANYO-LV8013T Datasheet
86Kb / 6P
   Forward/Reverse Motor Driver
LV8013T-A-TLM-E SANYO-LV8013T-A-TLM-E Datasheet
119Kb / 6P
   Forward/Reverse Motor Driver
More results

Similar Description - LV8013T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com